Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85263A
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85263A Datasheet HTML 1Page - NXP Semiconductors PCF85263A Datasheet HTML 2Page - NXP Semiconductors PCF85263A Datasheet HTML 3Page - NXP Semiconductors PCF85263A Datasheet HTML 4Page - NXP Semiconductors PCF85263A Datasheet HTML 5Page - NXP Semiconductors PCF85263A Datasheet HTML 6Page - NXP Semiconductors PCF85263A Datasheet HTML 7Page - NXP Semiconductors PCF85263A Datasheet HTML 8Page - NXP Semiconductors PCF85263A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
PCF85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 7 — 30 March 2018
2 of 65
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
4.
Ordering information
4.1 Ordering options
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF85063AT
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCF85063ATL
DFN2626-10
plastic thermal enhanced extremely thin
small outline package; no leads;
10 terminals; body 2.6
 2.6  0.5 mm
SOT1197-1
PCF85063ATT
TSSOP8
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
Table 2.
Ordering options
Product type number
Orderable part number Sales item
(12NC)
Delivery form
IC
revision
PCF85063AT/A
PCF85063AT/AY
935303639518
tape and reel, 13 inch, dry pack
1
PCF85063AT/AAZ
935303639515
tape and reel, 7 inch, dry pack
1
PCF85063ATL/1
PCF85063ATL/1,118
935299022118
tape and reel, 7 inch
1
PCF85063ATT/A
PCF85063ATT/AJ
935304639118
tape and reel, 13 inch
1
Table 3.
Marking codes
Product type number
Marking code
PCF85063AT/A
85063A
PCF85063ATL/1
063A
PCF85063ATT/A
063A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com