Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF85263A
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263A Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF85263A Datasheet HTML 1Page - NXP Semiconductors PCF85263A Datasheet HTML 2Page - NXP Semiconductors PCF85263A Datasheet HTML 3Page - NXP Semiconductors PCF85263A Datasheet HTML 4Page - NXP Semiconductors PCF85263A Datasheet HTML 5Page - NXP Semiconductors PCF85263A Datasheet HTML 6Page - NXP Semiconductors PCF85263A Datasheet HTML 7Page - NXP Semiconductors PCF85263A Datasheet HTML 8Page - NXP Semiconductors PCF85263A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
PCF85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 7 — 30 March 2018
5 of 65
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
7.2 Pin description
[1]
The die paddle (exposed pad) is connected to VSS through high ohmic (non-conductive) silicon attach and should be electrically
isolated. It is good engineering practice to solder the exposed pad to an electrically isolated PCB copper pad as shown in Figure 37
“Footprint information for reflow soldering of SOT1197-1 (DFN2626-10) of PCF85063ATL” for better heat transfer but it is not required
as the RTC doesn’t consume much power. In no case should traces be run under the package exposed pad.
[2]
NXP recommends tying VDD of the device and VDD of all the external pull-up resistors to the same Power Supply.
Table 4.
Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description
PCF85063AT
PCF85063ATL
PCF85063ATT
OSCI
1
1
1
input
oscillator input
OSCO
2
2
2
output
oscillator output
CLKOE[2]
-
3
-
input
CLKOUT enable or disable pin; enable is
active HIGH
INT[2]
3
4
3
output
interrupt output (open-drain)
VSS
4
5[1]
4
supply
ground supply voltage
SDA[2]
5
6
5
input/output
serial data line
SCL[2]
6
7
6
input
serial clock input
n.c.
-
8
-
-
not connected
CLKOUT
7
9
7
output
clock output (push-pull)
VDD
8
10
8
supply
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com