Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROSD Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # MICROSD
Description  Apacer industrial-grade MicroSD memory card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

MICROSD Datasheet(HTML) 2 Page - Apacer Technology Inc.

  MICROSD Datasheet HTML 1Page - Apacer Technology Inc. MICROSD Datasheet HTML 2Page - Apacer Technology Inc. MICROSD Datasheet HTML 3Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Industrial microSD
Overview
Apacer’s industrial-grade MicroSD memory card is compliant with SD 2.0
Specification. Available in 256MB to 4GB with sequential read/write speed
reaching up to 20/16 MB/sec, it fulfills requirements for flexible-capacity
and high-speed data storage. With a superbly reliable SLC (single-level cell)
flash memory, it can operate normally in harsh temperature environments
ranging from -40°C - +85°C. Apacer stresses "stability" has always been the
primary concern for industrial devices. The greatest difference between this
industrial-grade MicroSD memory card and other consumer memory cards
on the market lies in its firmware version and major components that can
be fixed. Apacer’s clients can benefit from the stable, long term supply.
Besides, for clients who need long-term and stable supply chains, stock-out
risk may be avoided, with compatibility issues caused by frequent product
component changes significantly reduced. Time and money spent on
product verification can also be saved.
Feature
‧ Compliant with SD 2.0 Specification
‧ S.M.A.R.T supported
‧ Support SD mode and SPI mode
‧ Global Wear-Leveling and Block Management
‧ Low Power Consumption



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com