Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICROSD Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # MICROSD
Description  Apacer industrial-grade MicroSD memory card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

MICROSD Datasheet(HTML) 3 Page - Apacer Technology Inc.

  MICROSD Datasheet HTML 1Page - Apacer Technology Inc. MICROSD Datasheet HTML 2Page - Apacer Technology Inc. MICROSD Datasheet HTML 3Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Taiwan (Headquarters)
Apacer Technology Inc.
Tel: +886-2-2267-8000
Fax: +886-2-2267-2261
Europe
Apacer Technology B.V.
Tel: +31-40-267-0000
Fax: +31-40-290-0686
U.S.A.
Apacer Memory America, Inc.
Tel: +1-408-518-8699
Fax: 1-510-249-9551
China
Apacer Electronic(Shanghai)
Co., Ltd.
Tel: +86-21-6228-9939
Japan
Apacer Technology Corp.
Tel: +81-3-5419-2668
Fax: +81-3-5419-0018
India
Apacer Technologies Pvt. Ltd.
Tel: +91-80-41529061~3
Fax: +91-80-41700215
DOC:20161109
Specifications
Model
Industrial microSD
Interface
SD2.0
Form Factor
microSD
NAND Flash Type
SLC
Capacity
SD:256MB~2GB;SDHC:4GB
Sustained Read Performance (MB/sec)
Up to 20
Sustained Write Performance (MB/sec)
Up to 16
ECC Engine
Built-in 24-bit per 1K bytes BCH ECC
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 100
Shock
(Operating) 1,500G, 0.5ms
Vibration
20Hz~80Hz/1.52mm (frequency/displacement)
80Hz~2,000Hz/20G (frequency/accelerate)
Operating Voltage
2.7V ~ 3.6V
Power Consumption
Active mode: 50 mA & Idle mode: 100 uA
Dimension (L x W x H )
15x11x1 (mm)
MTBF (hours)
>2,000,000
For more information, contact your Apacer representative
Global Presence



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com