Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMMA0ES Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPF5024AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMMA0ES Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPF5024AMMA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 24Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
21 / 93
• Tj < thermal shutdown threshold
• TRIM_NOK = 0 && OTP_NOK = 0 && STEST_NOK = 0
14.5.2 Power up sequencing
The power up sequencer controls the time and order in which the voltage regulators and
other controlling I/O are enabled when going from the Off mode into the run state.
The OTP_SEQ_TBASE[1:0] bits set the default time base for the power up and power
down sequencer.
The SEQ_TBASE[1:0] bits can be modified during the system On state in order to
change the sequencer timing during run/standby transitions as well as the power down
sequence.
Table 17. Power up time base register
OTP bits
OTP_SEQ_TBASE[1:0]
Functional bits
SEQ_TBASE[1:0]
Sequencer time base
(µs)
00
00
30
01
01
120
10
10
250
11
11
500
The power up sequence may include any of the following:
• Switching regulators
• PGOOD pin if programmed as a GPO
• RESETBMCU
The default sequence slot for each one of these signals is programmed via the OTP
configuration registers. They can be modified in the functional I2C register map to change
the order in which the sequencer behaves during the run/standby transitions as well as
the power down sequence.
The x_SEQ[7:0] bits set the regulator/pin sequence from 0 to 254. Sequence code 0x00
indicates that the particular output is not part of the startup sequence and remains in OFF
(in case of a regulator) or remains low/disabled (in case PGOOD pin used as a GPO).
Table 18. Power up sequence registers
OTP bits
OTP_SWx_SEQ[7:0]/
OTP_PGOOD_SEQ[7:0]/
OTP_RESETBMCU_SEQ[7:0]
Functional bits
SWx_SEQ[7:0]/
PGOOD_SEQ[7:0]/
RESETBMCU_SEQ[7:0]
Sequence slot
Startup time
(µs)
00000000
00000000
Off
Off
00000001
00000001
0
SLOT0
(right after PWRON event is
valid)
00000010
00000010
1
SEQ_TBASE x SLOT1
.
.
.
.
.
.
.
.
.
.
.
.
11111111
11111111
254
SEQ_TBASE x SLOT254
If RESETBMCU is not programmed in the OTP sequence, it will be enabled by default
after the last regulator programmed in the power up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com