Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMMA0ES Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MPF5024AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMMA0ES Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MPF5024AMMA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 76Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 77Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 78Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 80Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 81Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
78 / 93
17.3 Default hardwire configuration
If VDDOTP = V1P5D, the device loads the configuration from the default hardwire
configuration directly into the corresponding I2C functional registers each time the
registers need to be reloaded.
When using the hardwire configuration, the TRIM values are still loaded from the OTP
fuses. In the event of a TRIM loading failure, the corresponding fault flag is set to 1.
When the hardwire configuration is used, the PF5024 does not allow TBB mode
operation. When TBBEN = V1P5D, the device enters a debug mode. In this mode of
operation, the device ignores the default value of the LPM_OFF bit and moves into the
QPU_Off state, regardless of the result of the self-test. However, the actual result of the
self-test is notified by the STEST_NOK flag.
• When the self-test is successful, the STEST_NOK flag is set to 0
• When the self-test has failed, the STEST_NOK flag is set to 1
During hardwire configuration, the OTP_NOK flag is always set to 0.
When any of the TRIM_NOK, OTP_NOK or STEST_NOK flags are set, any PWRUP
event is ignored until the flags are cleared by writing a 0. These flags can only be written
when the system is in the debug mode, (TBBEN = V1P5D). In normal operation, the
TRIM_NOK, OTP_NOK and STEST_NOK flags are read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com