Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473-PQTP Datasheet(PDF) 21 Page - Microchip Technology

Part # HCS473-PQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473-PQTP Datasheet(HTML) 21 Page - Microchip Technology

Back Button HCS473-PQTP Datasheet HTML 17Page - Microchip Technology HCS473-PQTP Datasheet HTML 18Page - Microchip Technology HCS473-PQTP Datasheet HTML 19Page - Microchip Technology HCS473-PQTP Datasheet HTML 20Page - Microchip Technology HCS473-PQTP Datasheet HTML 21Page - Microchip Technology HCS473-PQTP Datasheet HTML 22Page - Microchip Technology HCS473-PQTP Datasheet HTML 23Page - Microchip Technology HCS473-PQTP Datasheet HTML 24Page - Microchip Technology HCS473-PQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 19
HCS473
3.2.1
TRANSPONDER OPTIONS
The following HCS473 configuration options influence
the device behavior when in Transponder mode:
• Preamble length select (TPRLS)
• LF Demodulator (LFDEMOD)
• LF Baud rate select (LFBSL)
• Anticollision (ACOL)
• Proximity Activation (PXMA)
• Intelligent Damping (DAMP)
• LC response Enable (LCRSP)
• RF response Enable (RFRSP)
• Skip Field Acknowledge (SKIPACK)
The following sections describe these options in detail.
3.2.1.1
Transponder Preamble Length
Select (TPRLS)
Data responses through the DATA pin use the format
determined by the Encoder mode options, with one
exception/option to shorten the response time. The
response’s preamble can be reduced to 4 high pulses
by setting the transponder preamble length select
option. This only affects the responses as a result of
transponder communication (proximity activation trans-
missions included), not responses resulting from but-
ton input activations. The 4 high pulse short preamble
will be at the same duty cycle defined by the preamble
duty cycle Encoder mode option (PRD).
TABLE 3-2:
TRANSPONDER PREAMBLE
LENGTH SELECT (TPRLS)
3.2.1.2
LF Demodulator (LFDEMOD)
The HCS473 has a LF Demodulator mode useful for
debugging antenna hardware.
Enabling LFDEMOD limits the device to demodulator
only mode. After receiving an appropriate wake-up
sequence, the device enters a loop demodulating the
signal on the LC pins and outputting the resulting digital
representation on the LED pin. The HCS473 remains in
this mode until no edges are detected on the LC pins
for T
DEMOD, upon which it will return to Low-power
mode; requiring another wake-up sequence to further
demodulate data.
The demodulated signal on the LED pin is accurate to
within +/-10
µs of the signal on the LC pins. The injected
signal will have baud rate limitations based on the
HCS473’s internal filter charge and discharge times,
Section 3.2.6.
The filter times discussed in Section 3.2.6 will be easily
seen in Demodulator mode. The internal filter delay
may be isolated by communicating to the HCS473
inputting the digital signal into LCX and observing the
signal plus internal filter delays on the LED pin.
LFDEMOD options:
• Disabled - device functions normally
• Enabled - device demodulates signal on LC pins,
outputting digital result on the LED pin.
3.2.1.3
LF Baud Rate Select (LFBSL)
The LF Baud rate select option allows the user to adjust
the basic pulse width element (LF
TE) used for tran-
sponder communication.
LFBSL options:
• 100
µs LFTE
• 200
µs LFTE
• 400
µs LFTE
• 800
µs LFTE
All communication to and from the HCS473 through the
LC transponder pins will use the selected LF
TE. RF
acknowledges to LF communication, through the DATA
pin, will also use the selected LF
TE.
3.2.1.4
Anticollision (ACOL)
Multiple transponders in the same inductive field will
simultaneously
respond
to
inductive
commands.
Enabling
anticollision
prevents
multiple
HCS473
responses from 'colliding'. Hence the term ‘anticolli-
sion.’
When anticollision (ACOL) is enabled, the first com-
mand received after the device wakes must be either
the SELECT TRANSPONDER or ANTICOLLISION
OFFcommand before the HCS473 will respond to any
other command.
The ANTICOLLISION OFF command may be used to
temporarily bypass anticollision requirements for a sin-
gle communication sequence. It allows communication
with an anticollision enabled HCS473 if the VID and
TID are not known (perhaps during a learning
sequence). See Section 3.2.3.7 for further anticollision
off details.
The SELECT TRANSPONDER command allows the
addressing of and communication to an individual
HCS473, regardless if multiple devices are in the field
(Section 3.2.3.1).
Note:
The long preamble enable Encoder mode
option (LPRE) holds priority over the tran-
sponder preamble length option.
TPLS
LPRE
Description
00
Normal - 16 high pulses
X1
Long - LPRL determines length
10
Short - 4 high pulses
Note:
Damping is disabled when in Demodulator
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com