Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 35Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 36Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 37Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 38Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 39Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 40Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 41Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 42Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 199 page
background image
Table 7-9. RGMII Transmit Encoding
TX_CTRL
(POSITIVE EDGE)
TX_CTRL
(NEGATIVE EDGE)
TX_D[3:0]
DESCRIPTION
0
0
0000 through 1111
Normal Inter-Frame
0
1
0000 through 1111
Reserved
1
0
0000 through 1111
Normal Data Transmission
1
1
0000 through 1111
Transmit Error Propagation
Table 7-10. RGMII Receive Encoding
RX_CTRL
(POSITIVE EDGE)
RX_CTRL
(NEGATIVE EDGE)
RX_D[3:0]
DESCRIPTION
0
0
0000 through 1111
Normal Inter-Frame
0
1
0000 through 1101
Reserved
0
1
1110
False Carrier Indication
0
1
1111
Reserved
1
0
0000 through 1111
Normal Data Reception
1
1
0000 through 1111
Data Reception with Errors
The DP83TG720S-Q1 supports in-band status indication to help simplify link status detection. Inter-frame signals
on RX_D[3:0] pins as specified in Table 7-11.
Table 7-11. RGMII In-Band Status
RX_CTRL
RX_D3
RX_D[2:1]
RX_D0
0
Note:
In-band status is only valid when
RX_CTRL is low
Duplex Status:
0 = Half-Duplex
1 = Full-Duplex
RX_CLK Clock Speed:
00 = 2.5 MHz
01 = 25 MHz
10 = 125 MHz
11 = Reserved
Link Status:
0 = Link not established
1 = Valid link established
RGMII MAC Interface for Gigabit Ethernet has stringent timing requirements to meet system level performance.
To meet these timing requirements and to operate with different MACs over RGMII, it is advised to take the
following requirements into consideration when designing PCB. It is also recommended to check board level
signal integrity by using the DP83TG720 IBIS model.
RGMII-TX Requirements
• RGMII TX signals should be routed on board with control impedance of 50Ohm +/-15%.
• Max routing length should be limited to 5inch for better signal integrity performance.
• Figure 7-15 shows a RGMII interface requirements for TX* signals. MAC RGMII driver output impedance
should be 50Ohm+/-20%.
• Skew for all RGMII TX signals at TP2, in Figure 7-15, should be <±500ps.
• Signal Integrity at TP1 and TP2, in Figure 7-15, should be verified with IBIS model simulation and ensured
conformance to following requirements:
– At TP2, signal should meet rise/fall time of 1ns (20-80%) of signal amplitude.
– Rise/fall time should be monotonic between VIH/VIL level at TP2.
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com