Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 80 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 76Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 77Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 78Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 79Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 80Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 81Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 82Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 83Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 199 page
background image
7.6.2.24 TDR_CFG1 Register (Address = 0x302) [reset = 0x45]
TDR_CFG1 is shown in Table 7-47.
Return to the Summary Table.
Table 7-47. TDR_CFG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
8b00000000 Reserved
7-4
cfg_forward_shadow
R/W
4b0100
Forward shadow
3-2
cfg_post_silence_time
R/W
2b01
Post silence time
2b00 = 0 ms
2b01 = 10 ms
2b10 = 100 ms
2b11 = 1000 ms
1-0
cfg_pre_silence_time
R/W
2b01
Pre silence time
2b00 = 0 ms
2b01 = 10 ms
2b10 = 100 ms
2b11 = 1000 ms
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
80
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com