Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1414DBCCZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADGS1414DBCCZ
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414DBCCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADGS1414DBCCZ Datasheet HTML 20Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 21Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 22Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 23Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 24Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 25Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 26Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 27Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADGS1414D
Data Sheet
Rev. 0 | Page 28 of 28
OUTLINE DIMENSIONS
Figure 49. 30-Terminal Land Grid Array [LGA]
(CC-30-3)
4 mm × 5 mm Body and 1.63 mm Package Height
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADGS1414DBCCZ
−40°C to +125°C
30-Terminal Land Grid Array [LGA]
CC-30-3
ADGS1414DBCCZ-RL7
−40°C to +125°C
30-Terminal Land Grid Array [LGA]
CC-30-3
EV-ADGS1414DSDZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D23895-6/20(0)
4.10
4.00
3.90
5.10
5.00
4.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1.30
REF
2.60
BSC
2.40
BSC
0.372
0.332
0.292
1.73
1.63
1.53
SEATING
PLANE
PIN 1
INDICATOR
AREA
2.50
REF
0.075
REF
EXPOSED
PAD
0.50
BSC
4.00
REF
1
9
10
15
16
24
25
30
0.32
0.27
0.22
0.40
0.35
0.30
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com