Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1414DBCCZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADGS1414DBCCZ
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414DBCCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADGS1414DBCCZ Datasheet HTML 19Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 20Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 21Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 22Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 23Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 24Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 25Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 26Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADGS1414D
Rev. 0 | Page 23 of 28
APPLICATIONS INFORMATION
SYSTEM CHANNEL DENSITY
The ADGS1414D feature set allows for large system channel
density. These features include route through pins for the
digital signals and power supplies, as well as integrated passive
components.
Route Through Pins
When multiple ADGS1414D devices are used in a system, the
route through pins allow for a greater channel density layout.
The route through pins enable the passing of power supplies
and digital lines between devices with ease. The VDD, RESET/VL,
and GND power lines, as well as the SCLK, CS, SDI, and SDO
digital lines, are available on both the top and bottom pins of
the package. These route through pins simplify PCB routing
and reduce the need for vias when connecting many
ADGS1414D devices together. Figure 45 shows an example
layout where the route through pins on four ADGS1414D
devices configured in daisy-chain mode are used to reduce the
overall size of the layout.
Integrated Passive Components
Note the lack of external passive components in the layout in
Figure 45. The ADGS1414D has integrated decoupling
capacitors for the VDD, VSS, and RESET/VL power supplies.
Therefore, the need for external decoupling capacitors is
eliminated, reducing the total system footprint of the
ADGS1414D. If additional decoupling is required for extremely
noise sensitive applications, add an external decoupling
capacitor. Figure 21 shows the AC PSRR performance with and
without external decoupling capacitors.
Figure 45. Layout Example Showing the Use of the Route Pins and the Elimination of External Passive Components
VDD
GND
RESET/VL
SDO
SCLK
CS
VDD
GND
RESET/VL
SDO
SCLK
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com