Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072RBT6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32F072RBT6
Description  Discovery kit for STM32F072xx microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072RBT6 Datasheet(HTML) 3 Page - STMicroelectronics

  STM32F072RBT6 Datasheet HTML 1Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 2Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 3Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 4Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Development environment
3/5
DB2102 Rev 4
2
Development environment
The 32F072BDISCOVERY Discovery kit features an STM32F0 Series microcontroller
based on the Arm®(a) Cortex®-M0 processor.
2.1
System requirements
•
Windows® OS (7, 8 and 10), Linux® 64-bit or macOS®(b) (c)
•
USB Type-A to Mini-B cable
2.2
Development toolchains
•
IAR™ - EWARM(d)
•
Keil® - MDK-ARM(d) (e)
•
STMicroelectronics - STM32CubeIDE
2.3
Demonstration software
The demonstration software, included in the STM32Cube MCU Package, is preloaded in the
STM32 Flash memory for easy demonstration of the device peripherals in standalone mode.
The latest versions of the demonstration source code and associated documentation can be
downloaded from the www.st.com/stm32f0-discovery webpage.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and or elsewhere.
b. macOS® is a trademark of Apple Inc. registered in the U.S. and other countries.
c. All other trademarks are the property of their respective owners.
d. On Windows® only
e. Free MDK-ARM for Arm® Cortex®-M0/M0+ cores.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com