Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072RBT6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F072RBT6
Description  Discovery kit for STM32F072xx microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072RBT6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F072RBT6 Datasheet HTML 1Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 2Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 3Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 4Page - STMicroelectronics STM32F072RBT6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
March 2020
DB2102 Rev 4
1/5
32F072BDISCOVERY
Discovery kit for STM32F072xx microcontrollers
Data brief
Features
• STM32F072RBT6 microcontroller featuring
128 Kbytes of Flash memory, 16 Kbytes of
SRAM in an LQFP64 package
• USB FS with Mini-B connector
• I3G4250D ST MEMS motion sensor 3-axis
digital output gyroscope
• One linear touch sensor or four touch keys
• Six LEDs:
– LD1 (red/green) for USB communication
– LD2 (red) for 3.3 V power on
– Four user LEDs: LD3 (red), LD4 (orange),
LD5 (green) and LD6 (blue)
• Two push-buttons (user and reset)
• RF EEPROM daughterboard connector
• Extension header for LQFP64 I/Os for quick
connection to a prototyping board and easy
probing
• On-board ST-LINK/V2 with switch to use the kit
as a standalone ST-LINK/V2 (with SWD
connector for programming and debugging)
• Flexible power supply options:
– USB bus or external 5 V supply voltage
• Power supply output for external applications:
3 V and 5 V
• Comprehensive free software including a
variety of examples, part of STM32CubeF0 or
STM32SnippetsL0 packages or STSW-
STM32139 for legacy Standard Libraries
usage
Description
The 32F072BDISCOVERY Discovery kit helps
users to discover the STM32F072RB, which has
the full set of features available in the STM32F0
Series, and to develop their applications easily. It
includes everything required for beginners and
experienced users to get started quickly.
Picture is not contractual.
Based on the STM32F072RBT6 microcontroller, it
includes an ST-LINK/V2 embedded debug tool
interface, an ST MEMS gyroscope, LEDs, push-
buttons, linear touch sensor, touch keys, RF
EEPROM connector and a USB Mini-B connector.
www.st.com


Similar Part No. - STM32F072RBT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F072RBT6 STMICROELECTRONICS-STM32F072RBT6 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
STM32F072RBT6 STMICROELECTRONICS-STM32F072RBT6 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
STM32F072RBT6 STMICROELECTRONICS-STM32F072RBT6 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
STM32F072RBT6 STMICROELECTRONICS-STM32F072RBT6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
More results

Similar Description - STM32F072RBT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
30-May-2012
logo
List of Unclassifed Man...
UM1472 ETC2-UM1472 Datasheet
1,004Kb / 42P
Discovery kit for STM32F407/417 lines
logo
STMicroelectronics
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
12-Jan-2016
32F0308DISCOVERY STMICROELECTRONICS-32F0308DISCOVERY Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
29-Sep-2014
32F3348DISCOVERY STMICROELECTRONICS-32F3348DISCOVERY Datasheet
393Kb / 4P
Discovery kit for STM32F334 line
12-Jan-2016
32L100CDISCOVERY STMICROELECTRONICS-32L100CDISCOVERY Datasheet
293Kb / 3P
Discovery kit for STM32L100 Value Line
29-Sep-2014
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
Discovery kit for STM8A microcontrollers
15-Nov-2012
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
04-Nov-2014
UM1919 STMICROELECTRONICS-UM1919 Datasheet
3Mb / 37P
STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
17-Jul-2015
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com