Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 1 Page - STMicroelectronics

Part # IIS2DLPC
Description  Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 1 Page - STMicroelectronics

  IIS2DLPC Datasheet HTML 1Page - STMicroelectronics IIS2DLPC Datasheet HTML 2Page - STMicroelectronics IIS2DLPC Datasheet HTML 3Page - STMicroelectronics IIS2DLPC Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
ISM330DHCX MEMS 3D accelerometer (±2/±4/±8/±16 g) plus 3D gyroscope
(±125/±250/±500/±1000/±2000 dps)
•
IIS2MDC MEMS 3D magnetometer (±50 gauss)
•
IIS2DLPC MEMS 3D accelerometer low power (±2/±4/±8/±16 g)
•
IMP34DT05 MEMS digital omnidirectional microphone (-26 dBFS, ±3 dB
sensitivity)
•
DIL 24-pin socket available for additional MEMS adapters and other sensors
•
Free comprehensive development firmware library and samples for all sensors
compatible with STM32Cube firmware
•
Available I²C sensor hub features on ISM330DHCX
•
Compatible with STM32 Nucleo boards
•
Equipped with Arduino UNO R3 connector
•
RoHS and WEEE compliant
Description
The X-NUCLEO-IKS02A1 industrial motion MEMS sensor expansion board is
compatible with the Arduino UNO R3 connector layout.
It embeds the ISM330DHCX 3-axis accelerometer and 3-axis gyroscope, the
IIS2MDC 3-axis magnetometer, the IIS2DLPC 3-axis accelerometer, the IMP34DT05
digital microphone.
The X-NUCLEO-IKS02A1 interfaces with the STM32 microcontroller via I²C pin, with
the possibility of changing the default I²C port.
Product summary
Motion MEMS and
microphone MEMS
expansion board for
STM32 Nucleo
X-NUCLEO-
IKS02A1
iNEMO inertial module:
always-on 3D
accelerometer and 3D
gyroscope with digital
output for industrial
applications
ISM330DHCX
High performance, ultra-
low-power 3-axis
accelerometer for
industrial applications
IIS2DLPC
High accuracy, ultra-
low-power, 3-axis digital
output magnetometer
IIS2MDC
MEMS audio sensor
omnidirectional digital
microphone for
industrial applications
IMP34DT05
Application
Industrial
Sensors
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
X-NUCLEO-IKS02A1
Data brief
DB4015 - Rev 1 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - IIS2DLPC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
IIS2DLPCTR STMICROELECTRONICS-IIS2DLPCTR Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
More results

Similar Description - IIS2DLPC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
MEMS microphone demonstration board based on the MP34DB01 and STM32
27-Mar-2012
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
MEMS microphone demonstration board based on the MP34DT01 and STM32
27-Mar-2012
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
14-Jul-2016
X-NUCLEO-IKS01A1 STMICROELECTRONICS-X-NUCLEO-IKS01A1 Datasheet
172Kb / 4P
Motion MEMS and environmental sensor expansion board for STM32 Nucleo
29-May-2015
X-NUCLEO-IKS01A2 STMICROELECTRONICS-X-NUCLEO-IKS01A2 Datasheet
870Kb / 4P
Motion MEMS and environmental sensor expansion board for STM32 Nucleo
November 2016 Rev 1
X-NUCLEO-GFX01M1 STMICROELECTRONICS-X-NUCLEO-GFX01M1 Datasheet
8Mb / 5P
SPI display expansion board for STM32 Nucleo
for
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-CCA02M2 STMICROELECTRONICS-X-NUCLEO-CCA02M2 Datasheet
1Mb / 5P
Digital MEMS microphone expansion board based on MP34DT06J for STM32
18-Sep-2019
X-NUCLEO-IKS01A3 STMICROELECTRONICS-X-NUCLEO-IKS01A3 Datasheet
3Mb / 4P
Motion MEMS and environmental sensor expansion board for STM32 Nucleo
June 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com