Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DLPC Datasheet(PDF) 2 Page - STMicroelectronics

Part # IIS2DLPC
Description  Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPC Datasheet(HTML) 2 Page - STMicroelectronics

  IIS2DLPC Datasheet HTML 1Page - STMicroelectronics IIS2DLPC Datasheet HTML 2Page - STMicroelectronics IIS2DLPC Datasheet HTML 3Page - STMicroelectronics IIS2DLPC Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagram
Figure 1. X-NUCLEO-IKS02A1 circuit schematic
EN
3
I/O_Vcc4
5
GND
1V8
100nF
C4
GND
3V3
1V8
GND
LDK130M-R
U2
6
I/O_VL5
SB27
10
CN5
Mag
U3
SB51
DNM
SB17
DNM
I2C ADDw = D4h
JP8
100nF
C16
1
2
3
4
JP7
M_INT_Pin16
M_INT2
CN8
4
I/O_VL3
C14
100nF
1V8 = 1.8V
MIC_DAT_O
GND
6
GND
SB52
M
SDA/SDI/SDO
4
SB46
DNM SPI_MISO
4k7
R17
14
GND
3
2
JP2
I2C2 Vio header
I/O_VL2
18
GND
GND
SB40
I/O_Vcc1
19
ST2378E
U7
SCL
SDA
DNM
SB7
1V8
Vio
Trigger from DRDY MAG in SensorHub Mode
1-2 , 3-4
I/O_Vcc6
7
GND
GND
I/O_VL2
18
M_SA0/DRDY
M_INT_Pin24
1V8
ISM330DHC_INT2
ISM330DHC_INT2_O
ISM330DHC_INT1_O
II2DMC_DRDY
GND
16
1V8
16
I/O_VL4
SB16
DNM
10µF
C6
10
GND
U5
SB30 SB28
VDD_IO
10
SB38
4k7
R11
11
SCL/SPC
1
MIC_DAT
100nF
C80
SPI_MOSI
SB25
17
18
4k7
R1
10µF
C3
14
I/O_VL6
IIS2DLPC_INT2
1V8
CS
2
I/O_Vcc3
17
GND
JP7, JP8 must have the shunts in the same position
I/O_Vcc3
17
I/O_VL8
12
I/O_Vcc7
13
1V8
I2C2_SDA
I2C2_SCL
SB12
SB43 DNM
I/O_Vcc7
1V8
2
I/O_VL1
Vio
C31
GND
8
1V8
GND
10
1V8
MIC_DAT_O
Vio
1V8
21
L/R
2
I/O_Vcc4
5
II2SMDC magnetometer
VDDIO
5
SB29
DNM
SB33
M_INT_Pin17
SPI_MISO
C12
100nF
13
DIL24 Socket
3V3J1
2k2
R8
SB42
GND
Header 19x2
CN7
1
2
3
IIS2DLPC_INT2_O
1V8
Acc_ULP
U1
VL
1
SB4
DNM
4
I/O_VL3
2
I/O_VL1
Vio
JP4
I/O_Vcc6
7
SB36
SB18
1V8
GND
SPI_MOSI_O
SPI_CK_O
NC
2
CN9
I/O_Vcc5
15
M_SA0/DEN
IIS2DLPC_INT
ISM330DHC_INT2
1V8
100nF
C5
9
8
7
6
5
4
3
2
1
Vio
OE
11
JP9
ISM330DHC_INT1_O 13
I2C ADDw = D6hSB15
Vout
5
GND
14
I/O_VL6
Header 19x2
CN10
220nF
C32
SB26
JP12
20
Vcc
SB9
I2C ADDw = 30h
DNM
11
10
SB24
DNM
JP11
C11
100nF
MIC_CK
22
M_SA0/DEN
23
SPI_CS_O
SPI_MOSI
SPI_CK
SB2
JP1
4
5
IIS2DLPC_INT2
1V8
USER_INT routing selector
SDO/SA0
3
IIS2DLPC
ISM330DHCX accelerometer and gyroscope
4k7
R2
I/O_Vcc8
9
SB47
1V8
SPI_MOSI_O
SPI_CK_O
SPI_MISO_O
SPI_CS_O
4k7
R12
I2C ADDw = 3Ch
SB3
Arduino and morpho connectors
OE
11
SB14
DNM
BT_Irq
I/O_Vcc2
3
GND
12k
R6
8
7
6
5
4
3
2
1
INT/DRDY
7
C30
I/O_Vcc8
9
1V8
15k
R7
J2
SDA
SCL
DNM
SB34
I2C1_SDA
DNM
I2C1_SCL
GND
20
JP3
MIC_CK
MIC_DAT
MIC_CK_O
MIC_DAT_O
MIC_CK_O
MIC_DAT_O
MIC_CK_O
Adj
4
Data
4
DN
MIC_DAT_O
12
JP6
Header 6X2
SB31
DNM
I2C ADDw = 32h
SB8
GND
GND
M_INT2_O
M_INT1_O
USER_INT_O
USER_INT
SCL
13
DNM
GND
4k7
R10
7
RES
SB13
20
Vcc
SB6
100nF
C17
GND
SB41
SCx
SDx
Vdd_IO
10
1
CS
3
4k7
R9
SPI_CS
II2DMC_DRDY_O
M_INT1
1V8
R4
4k7
DNM
4k7
DNM
SB22
SB23
DNM
JP5
SB21
DNM
M_INT_Pin17
I/O_Vcc2
3
1V8
IMP34DT05 microphone
CS
12
SB37
DNM
IIS2MDC
VL
1
GND
1
2
3
4
5
6
2.2µF
C18
24
CLK
3
SB32
II2DMC_DRDY
SPI_CK
SPI_MISO_O
15
SB35
SB44
IIS2DLPC_INT2_O
1
2
3
4
5
6
7
8
SDA/SDI/SDO
4
SDA
14
DIL24 Socket for Adapter Board
6
GND
10
SB1
DNM
1
Vin
GND
I2C2_SDA
I2C2_SDA
I2C2_SCL
I2C2_SCL
SDA
SCL
I2C1_SCL
I2C1_SDA
I2C2_SCL
I2C2_SDA
SDx
SCx
SCx
SDx
I²C Mode
standard
ISM330DHC
Sensor HUB
Shunts
SB20
DNM
I/O_Vcc5
15
I/O_Vcc1
ST2378E
ISM330DHC_INT2_O 19
U6
I2C1_SCL
I2C1_SDA
I2C2_SDA
I2C2_SCL
I/O_VL5
6
GND
8
I/O_VL7
SB54
DNM
MIC_CK_O
MIC_CK_O
M_INT2
M_INT1
M_INT2_O
M_INT1_O
USER_INT_O
2-3
I2C1=I2C2 all devices are on same bus (I2Caux = GND)
ISM330DHC (U2) as master of I2C1 = I2Cx
U3,U4,U8,,U9, Adapter are slave of U2
ISM330DHC_INT1
1
2
3
4
Vio
C13
100nF
CN6
19
GND
7
VDD
9
SB39
SPI_CS
1V8
JP10
1
2
3
4
5
6
7
8
9
12
DNM
SB19
SB45
10µF
C15
SB53
DNM
M_INT_Pin24
M_SA0/DRDY
GND
8
U4
8
I/O_VL7
9
GND
GND
SB5
8
GND
SB10
DNM
Vdd
1
Vio
1
SCL
I/O_VL4
16
Vio
7
SB50
DNM
IIS2DLPC_INT2_O
Vdd
9
SB11
GND
I/O_VL8
12
2k2
R3
Description
IIS2DLPC accelerometer
10µF
100nF
DNM
M_INT_Pin16
R5
IIS2DLPC_INT_O
USER_INT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com