Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-RUZZZ-EYYY Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-RUZZZ-EYYY
Description  50 to 600 W Autoranging AC-DC Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-RUZZZ-EYYY Datasheet(HTML) 1 Page - Vicor Corporation

  VI-RUZZZ-EYYY Datasheet HTML 1Page - Vicor Corporation VI-RUZZZ-EYYY Datasheet HTML 2Page - Vicor Corporation VI-RUZZZ-EYYY Datasheet HTML 3Page - Vicor Corporation VI-RUZZZ-EYYY Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input Characteristics
90-132/180-264 Vac
U = Autoranging
Output Power/Current
Vout ≥ 5 V
Vout < 5 V
S= 300 W
S = 60 A
P= 450 W
P = 90 A
M= 600 W
M =120 A
Product Grade
E= 0°C to +85°C Case
C= 0°C to +85°C Case
I= -30°C to +85°C Case
Output Power/Current
Vout ≥ 5 V
Vout < 5 V
Y= 50 W
Y = 10 A
X= 75 W
X = 15 A
W= 100 W
W = 20 A
V= 150 W
V = 30 A
U= 200 W
U = 40 A
Product Highlights
If you’re looking for the convenience
of a complete, low profile, agency-
approved switching power supply,
look no further. The FlatPAC combines
Vicor’s workhorse VI-200 family of
DC-DC converters with a modular
package and front-end subassembly to
provide from 50 to 600 W of output
power from one to three outputs.
A flat plate hea tsink for use in
conduction cooled applications may be
specified as an alternate to the standard
finned version by adding “CC” to the
end of the model number.
Vicor’s FlatPAC is also available with
a current controlled output using
BatMod converter modules of 12, 24,
or 48 Vdc outputs. This option is
specified by appending “BM” or “BC”
(for conduction cooled versions) to the
end of the FlatPAC model number.
The FlatPAC’s contemporary design
allows us to configure your order
quickly and provide rapid turnaround
on standard models. It is truly a
complete power solution, enabling
you to spend more time designing your
system and less time worrying about
how to power it.
Features
➤ Microcontroller architecture
➤ Inputs: 115/230 Vac autoranging
➤ Meets FCC Part 15, EN55022, Class B
conducted emissions
➤ 80-90% efficiency
➤ Any output: 1 to 95 Vdc
➤ Module enable/disable (except LU series)
➤ UL, TÜV, VDE, CE marked
➤ Remote sense and current limit
➤ BUS OK and AC OK (except LU series)
➤ 40 mS ride-through time
➤ OVP and thermal shutdown
➤ 1 output; up to 200 W
➤ 1 or 2 outputs; up to 400 W
➤ 1, 2, or 3 outputs; up to 600 W
FlatPAC
™
50 to 600 W
Autoranging
AC-DC Switchers
FlatPAC Configuration Chart
Typical Model: V I - R U
–
–
Input: 115/230 Vac; Output 1: 5 Vdc at 200 W
Output 2: 12 Vdc at 200 W
Output 3: 12 Vdc at 200 W
# of
Total Power
Part No.
Converters
Dimensions
50-200 W
VI-LU
–
1
9.25" x 2.5" x 1.37"
(234,8 x 63,5 x 34,8 mm)
200-400 W
VI-MU
–
2
9.25" x 4.9" x 1.37"
(234,8 x 124,5 x 34,8 mm)
300-600 W
VI-NU
–
3
9.25" x 7.3" x 1.37"
(234,8 x 185,4 x 34,8 mm)
100-400 W
VI-PU
–
2
9.25" x 4.9" x 1.37"
(234,8 x 124,5 x 34,8 mm)
150-600 W
VI-QU
–
3
9.25" x 7.3" x 1.37"
(234,8 x 185,4 x 34,8 mm)
150-600 W
VI-RU
–
3
9.25" x 7.3" x 1.37"
(234,8 x 185,4 x 34,8 mm)
U
U
U
E
1
1
0
Single
Outputs:
Dual
Outputs:
Triple
Outputs:
Options
BC = BatMod/Conduction
Cooled
BM= BatMod
CC = Conduction Cooled
Output Voltage
Z 2 V
M 10 V
K 40 V
Y 3.3 V
1 12 V
4 48 V
0 5 V
P 13.8 V H 52 V
X 5.2 V
2 15 V
F 72 V
W 5.5 V N 18.5 V D 85 V
V 5.8 V
3 24 V
B 95 V
T 6.5 V
L 28 V
R 7.5 V
J 36 V
Output Power
Vout ≥ 5 V
Vout < 5 V
W= 100 W
W = 20 A
V= 150 W
V = 30 A
U= 200 W
U = 40 A
S= 300 W
S = 60 A
Q= 400 W
Q = 80 A
FlatPAC 01/05
1 of 4


Similar Part No. - VI-RUZZZ-EYYY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
50 to 600W Autoranging AC-DC Switchers
More results

Similar Description - VI-RUZZZ-EYYY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
COMPAC VICOR-COMPAC Datasheet
204Kb / 4P
DC-DC Switchers 50 to 600W 1-3 Outputs
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
50 to 600W Autoranging AC-DC Switchers
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
DC-DC Switchers 50 to 600W 1-3 Outputs
logo
XP Power Limited
GP05US05 XPPOWER-GP05US05 Datasheet
596Kb / 2P
Universal AC Input Switchers
logo
Powerbox
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
SL Power Electronics
GPFM600 SLPOWER-GPFM600 Datasheet
111Kb / 2P
600 Watt Global Performance Switchers
logo
Vicor Corporation
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
50 to 600 Watt Autoranging AC-DC Switchers
REV.3
logo
Marathon Special Produc...
0987 MARATHON-0987 Datasheet
145Kb / 3P
Deadfront Type 50 Amps, 600 Volts AC/DC
REV A 4/02/08
1MS102 MARATHON-1MS102 Datasheet
169Kb / 3P
600 Volts AC/DC
REV-D 3/3/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com