Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5167 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5167
Description  13V, 10A fully integrated synchronous boost converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5167 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5167 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
-4-
◼ ORDERING INFORMATION
Part Number
Package Type
Marking
Operating
Temperature Range
Shipping Package /
MOQ
HM5167
DFN20L
HM5167
-40
℃~85℃
Tape and Reel /
5000PCS
◼ ELECTRICAL CHARACTERISTIC
⚫ Absolute Maximum Ratings*2
PARAMETER
Symbol
MIN
MAX
UNIT
Voltage range
BOOT
/
-0.3
SW+7
V
SW, FSW, VOUT, DIS, VIN
-0.3
14.2
EN, VCC, SS, COMP, MODE
-0.3
7
ILIM, FB
-0.3
3.6
Operating temperature range
TA
-40
85
℃
Operating junction temperature range
TJ
-40
150
℃
Storage temperature range
TSTG
-50
150
℃
⚫ Recommended Operating Conditions
PARAMETER
Symbol
CONDITION
MIN
TYP
MAX
UNIT
Input power voltage range
VIN
2.7
13.2
V
IC power supply voltage range
VIN
2.7
13.2
V
Output voltage range
VOUT
4.5
20
V
Inductance, effective value
L
0.47
2.2
10
μH
Input capacitance, effective value
CI
10
μF
Output capacitance, effective value
CO
6.8
47
1000
μF
Operating temperature
Ta
-40
25
85
℃
Operating junction temperature
TJ
-40
125
℃
2 Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is
not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
HM516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com