Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5167 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5167
Description  13V, 10A fully integrated synchronous boost converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5167 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5167 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5167 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
-13-
2.9.
Output Capacitor Selection (VOUT pin)
To be simplified, we recommend low-ESR capacitors of 1uF//10uF//10uF//470uF (“//” represents paralleled)
be placed as close as possible to VOUT pin for small output voltage ripple.
Capacitors can lose most of their capacitance at rated voltage. Therefore, leave margin on the voltage
rating to ensure adequate effective capacitance.
In detail, for the require output voltage ripple, use the following equations to calculate the minimum required
effective capacitance COUT
����������������������������_������������ =
(���������������� − ������������
������������ ) × ����������������
���������������� × ������������ × ����������������
����������������������������_������������ = ������������������������ × ��������_������������
Where
•
Vripple_dis is output voltage ripple caused by charging and discharging of the output capacitor.
•
Vripple_ESR is output voltage ripple caused by ESR of the output capacitor.
•
VIN_MIN is the minimum input voltage of boost converter..
•
VOUT is the output voltage..
•
IOUT is the output current.
•
ILpeak is the peak current of the inductor.
• ƒSW
is the converter switching frequency.
•
RC_ESR is the ESR of the output capacitors.
2.10.
Loop Stability (COMP pin)
The HM5167 requires external compensation, which allows the loop response to be optimized for each
application. The COMP pin is the output of the internal error amplifier. An external compensation network
comprised of resister RC, ceramic capacitors CC and CP is connected to the COMP pin.
To be simplified, RC is 56kΩ, CC is 3.3nF, and CP can be floating. But notice that this setting can only be
adopted in most cases. In detail, the compensation network parameters can be calculated as follows.
(1)
Set the cross over frequency, ƒc
The first step is to set the loop crossover frequency, ƒC. The higher crossover frequency, the faster the loop
response is. It is generally accepted that the loop gain cross over no higher than the lower of either 1/10 of
the switching frequency, ƒSW, or 1/5 of the RHPZ frequency, ƒRHPZ. It’s proper to use a fixed parameter of
10kHz for ƒC.
�������������������� =
�������� × (1 − ����)2
2���� × ����
(2)
Set the compensation resistor, RC.
�������� =
2���� × ���������������� × ������������������������ × �������� × ��������
(1 − ����) × ���������������� × ������������
(3)
Set the compensation zero capacitor, CC
�������� =
�������� × ��������
2 × ��������
(4)
Set the compensation pole capacitor, CP
�������� =
���������������� × ��������
��������
HM516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com