Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1250 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS1250
Description  Phase Control Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS1250 Datasheet(HTML) 1 Page - IXYS Corporation

  CS1250 Datasheet HTML 1Page - IXYS Corporation CS1250 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IXYS Semiconductor GmbH
Edisonstr. 15, D-68623 Lampertheim, Germany
Phone: +49-6206-5030 Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700 Fax: 408-496-0670
©1996 IXYS Corporation. All rights reserved.
Phase Control Thyristor
CS 1250 I
TRMS
= 3000 A
I
TAVM
= 1250 A
V
RRM
= 1200 - 1600
V
Symbol
Test Conditions
Maximum Ratings
I
TRMS
3000
A
I
TAVM
T
C = 83°C; 180° sine
1250
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
23000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
25000
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
21000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
23000
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
2645000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
2594000
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2205000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
2195000
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 2500 A
320
A/
µs
f = 5 Hz, t
P =200 ms
V
D = 1/2 VDRM
I
G = 2 A
di
G/dt = 2 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
µs
120
W
I
T = ITAVM
t
P =
500
µs60
W
t
P =
10 ms
16
W
V
RGM
5V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+ 50
°C
M
d
Mounting force
24.0 .. 28.0
kN
Weight
600
g
12
3 4
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1200
1200
CS 1250 - 12io1
1400
1400
CS 1250 - 14io1
1600
1600
CS 1250 - 16io1
Features
q
Thyristor for line frequency
q
International standard package
q
Long-term stability of blocking
voltages
q
Gate and auxiliary cathode pin
connection
q
Amplifying gate
Typical Applications
q
DC Motor control
q
Power converter
q
AC power controller
3
4
1
2
Data according to DIN/IEC 747-6
IXYS reserves the right to change limits, test conditions and dimensions


Similar Part No. - CS1250

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS125 CAMPBELL-CS125 Datasheet
762Kb / 3P
Present Weather and Visibility Sensor
11/28/2023
CS125 CAMPBELL-CS125 Datasheet
726Kb / 2P
Visibility and Present Weather Sensors
October 8, 2020
CS125 CAMPBELL-CS125 Datasheet
610Kb / 2P
Visibility, Background Luminance, and Present Weather Monitoring
01/28/2025
logo
Core Technology (Shenzh...
CS1256 CHIPSEA-CS1256 Datasheet
1Mb / 35P
High Performance AFE ADC and BIM Advanced AFE
CS1257 CHIPSEA-CS1257 Datasheet
1Mb / 39P
High Performance AFE ADC and BIM Advanced AFE
More results

Similar Description - CS1250

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com