Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-3-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1032ACPZ-3-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-3-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1032ACPZ-3-R7 Datasheet HTML 20Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 21Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 22Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 23Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 24Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 25Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 26Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 27Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 24 of 37
FLYBACK REGULATOR
Flyback Regulator Operation
The flyback regulator in the ADP1032 generates an isolated output
supply rail that can be programmed from 6 V to 28 V for the
adjustable output version or 24 V for the factory programmable
fixed output versions. The flyback regulator adopts current mode
control, resulting in a fast, inner current controlled loop that
regulates the peak inductor current and a slower outer loop via
an isolated iCoupler channel that adjusts the current controlled
loop to define a regulated output voltage. When the high voltage
switch is on, the diode on the secondary side of the transformer
is reverse biased, which causes an increase in the current in the
primary inductance of the transformer and is stored as energy.
When the switch turns off, the diode becomes forward biased,
and energy stored in the transformer is transferred to the load.
Traditionally, in an isolated flyback regulator, a discrete opto-
coupler is used in the feedback path to transmit the signal from
the secondary side to the primary side. However, the current
transfer ratio (CTR) of the optocouplers degrades over time and
over temperature. Therefore, the optocoupler must be replaced
every 5 years to 10 years. The ADP1032 eliminates the use of an
optocoupler and the associated problems by integrating Analog
Devices, Inc., iCoupler technology for feedback, which reduces
system cost, PCB area, and complexity, while improving system
reliability without the issue of CTR degradation.
The flyback regulator uses a transformer with a single primary
and secondary winding. This configuration is possible because
i
Coupler technology is used to send an isolated control signal to
the primary side controller so that a primary sense winding is
not required. In addition, because the secondary rail is generated
using a high efficiency switching regulator, extra secondary
windings are not required. This approach offers a number of
advantages over an alternative multiwinding solution, such as
the following:
A smaller transformer solution size due to a lower number
of turns required on the core and a fewer number of pins.
Each output can be independently set. The multitap
approach requires a custom multitap transformer for
different output voltage combinations.
Outputs are more accurate because the outputs do not rely
on the discrete ratios between the transformer windings.
Output accuracy is unaffected by load changes on each rail.
Power Saving Mode (PSM)
During light load operation, the regulators can skip pulses to
maintain output voltage regulation. Therefore, no minimum
load is required. Skipping pulses increases the device efficiency
but results in larger output ripple.
Flyback Undervoltage Lockout (UVLO)
The UVLO circuitry monitors the VINP pin voltage level. If the
input voltage drops below the VUVLO_VINP(FALL) threshold, the
flyback regulator turns off. After the VINP pin voltage rises
above the VUVLO_VINP (RISE) threshold, the soft start period
initiates, and the flyback regulator enables.
Flyback Regulator Precision Enable Control
The flyback regulator in the ADP1032 features a precision
enable circuit with an accurate reference voltage. If the voltage
at the EN pin rises above the VEN_RISING threshold, the flyback
regulator soft start period initiates, and the regulator enables. If
the EN pin voltage falls below the VEN_RISING − VEN_HYST threshold,
the flyback regulator turns off.
Flyback Regulator Soft Start
The flyback regulator includes a soft start function that limits
the inrush current from the supply and ramps up the output
voltage in a controlled manner. The flyback regulator soft start
period initiates when the voltage at the EN pin rises above the
VEN_RISING threshold.
Flyback Slew Rate Control
The flyback regulator employs programmable output driver slew
rate control circuitry. This circuitry adjusts the slew rate of the
switching node as shown in Figure 67, where lower EMI and
reduced ringing can be achieved at slightly lower efficiency
operation and vice versa. To program the slew rate, connect the
SLEW pin to the VINP pin for normal mode, to the GNDP pin
for slow mode, or leave it open for fast mode.
Slew rate control causes a trade-off between efficiency and
low EMI.
FASTEST
SLOWEST
Figure 67. Switching Node at Various Slew Rate Settings
Table 11. Slew Rate Settings
SLEW Pin
Connection
Slew Rate
Comment
GNDP
Slow
Lowest EMI
VINP
Normal
Optimized efficiency and EMI
Unconnected
Fast
Highest efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com