Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-3-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1032ACPZ-3-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-3-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1032ACPZ-3-R7 Datasheet HTML 9Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 10Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 11Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 12Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 13Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 14Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 15Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 16Page - Analog Devices ADP1032ACPZ-3-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 13 of 37
70
72
74
76
78
80
82
84
86
88
90
0
50
100
150
200
IOUT1 (mA)
ZA9644-AE
750317986
750318257
750318377
ZA9384-AL
Figure 10. Overall Efficiency Using Various Transformers, TA =25°C,
VINP = 24 V, VOUT1 = 19.4 V, VOUT2 = 3.3 V, IOUT2 = 13 mA
70
72
74
76
78
80
82
84
86
88
90
0
50
100
150
200
IOUT1 (mA)
ZA9644-AE
750317986
750318257
750318377
ZA9384-AL
Figure 11. Overall Efficiency Using Various Transformers, TA = 105°C,
VINP = 24 V, VOUT1 = 19.4 V, VOUT2 = 3.3 V, IOUT2 = 13 mA
70
72
74
76
78
80
82
84
86
88
90
0
50
100
150
200
ZA9644-AE
750317986
750318257
750318377
ZA9384-AL
IOUT1 (mA)
Figure 12. Overall Efficiency Using Various Transformers, TA = 25°C,
VINP = 24 V, VOUT1 = 24 V, VOUT2 = 3.3 V, IOUT2 = 30 mA
IOUT1 (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
ZA9644-AE
750317986
750318257
750318377
ZA9384-AL
Figure 13. Power Dissipation Using Various Transformers, TA = 25°C,
VINP = 24 V, VOUT1 = 19.4 V, VOUT2 = 3.3 V, IOUT2 = 13 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50
100
150
200
IOUT1 (mA)
ZA9644-AE
750317986
750318257
750318377
ZA9384-AL
Figure 14. Power Dissipation Using Various Transformers, TA = 105°C,
VINP = 24 V, VOUT1 = 19.4 V, VOUT2 = 3.3 V, IOUT2 = 13 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
IOUT1 (mA)
ZA9644-AE
750317986
750318257
750318377
ZA9384-AL
Figure 15. Power Dissipation Using Various Transformers, TA = 25°C,
VINP = 24 V, VOUT1 = 24 V, VOUT2 = 3.3 V, IOUT2 = 30 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com