Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-5-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1032ACPZ-5-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-5-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1032ACPZ-5-R7 Datasheet HTML 21Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 22Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 23Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 24Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 25Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 26Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 27Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 28Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 25 of 37
Flyback Regulator Overcurrent Protection
The flyback regulator features a current-limit function that senses
the forward current in the switching metal-oxide semiconductor
field effect transistor (MOSFET) on a cycle by cycle basis. If the
current exceeds the ILIM (FLYBACK) threshold, the switch turns off.
Flyback Regulator Overvoltage Protection
The flyback regulator of the ADP1032 implements a number of
OVP methods to detect and prevent an overvoltage condition
on the flyback regulator output, such as the following:
•
If the voltage on the FB1 pin exceeds VFB1 by 10% for the
adjustable output version, or the VOUT1 pin exceeds the
factory programmed VOUT1 by 10% for the fixed output
version, an OVP fault is detected, which prevents the
flyback regulator switch from turning on. The flyback
regulator primary switch stays off until the OVP condition
is no longer present.
•
If communication across the isolation barrier from the
secondary controller to the primary controller fails, the
flyback regulator shuts down, and a new soft start power-up
cycle initiates.
•
If the voltage on the output of the flyback regulator exceeds
the severe overvoltage threshold (SOVPFLYBACK), the primary
controller does not turn on the primary side switch. The
flyback regulator primary switch stays off until the voltage on
the VOUT1 pin falls below the SOVPFLYBACK − SOVPFLYBACK_HYST
threshold.
BUCK REGULATOR
Buck Regulator Operation
The step-down, dc-to-dc (or buck) regulator in the ADP1032
uses a current mode controlled scheme, operating at a fixed
frequency set by an internal oscillator. Current mode uses a fast
inner current-controlled loop to regulate peak inductor current
and a slower outer loop to adjust the current loop to regulate
the output voltage. At the start of each oscillator cycle, the high-
side MOSFET switch turns on, applying the input voltage to one
end of the inductor, which normally causes the buck regulator
inductor current (IL_BUCK) to increase until the current sense
signal crosses the peak inductor current threshold that turns
off the MOSFET switch. The error amplifier output sets this
threshold. During the high-side MOSFET off time, the inductor
current declines through the low-side MOSFET switch until
either the next oscillator clock pulse starts a new cycle that results
in continuous conduction mode (CCM) operation, or the inductor
current reaches zero. The low-side MOSFET switch is turned
off, and the control system waits for the next oscillator clock
pulse to start a new cycle, resulting in discontinuous mode
(DCM) operation. Under light load conditions, the regulator
can skip pulses to maintain regulation and increase power
conversion efficiency.
Buck Regulator UVLO
The step-down regulator of theADP1032 features an internal
UVLO circuit that monitors the input voltage to the regulator or
VOUT1. If the voltage at VOUT1 drops below the internal
threshold level of 4.5 V, the regulator turns off. If the output at
VOUT1 rises above the internal threshold, the regulator soft
start period initiates, and the regulator enables.
Buck Regulator Soft Start
The step-down regulator in the ADP1032 includes soft start
circuitry that ramps the output voltage in a controlled manner
during start-up, limiting the inrush current.
Buck Regulator Current-Limit Protection
The step-down regulator in the ADP1032 includes a current-
limit protection circuit to limit the amount of forward current
through the high-side MOSFET switch. The inductor peak current
is monitored cycle by cycle to detect an overload condition. When
the overload condition occurs, the current-limit protection
limits the peak inductor current to ILIM (BUCK), resulting in a drop
in the output voltage.
Buck Regulator Active Pull-Down Resistor
The buck regulator has an active pull-down resistor that discharges
the output capacitor when the output of the VOUT1 pin is
between 1.23 V and 4.5 V. The pull-down resistor connects
between VOUT2 and SGND2.
Buck Regulator OVP
The step-down regulator of the ADP1032 features an OVP
circuit that monitors the output voltage. If the voltage on the
VOUT2 pin exceeds the nominal output voltage by 10%, the
step-down, dc-to-dc regulator stops switching until the voltage
falls below the threshold again.
POWER GOOD
The ADP1032 provides a push pull, power-good output to
indicate when the two isolated output voltage rails are valid.
The PWRGD pin pulls high when the voltages on the two
supplies are within the respective power-good threshold limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com