Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-5-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1032ACPZ-5-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-5-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1032ACPZ-5-R7 Datasheet HTML 22Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 23Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 24Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 25Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 26Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 27Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 28Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 29Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 26 of 37
POWER-UP SEQUENCE
The power-up sequence is as follows (see Figure 68):
1.
The flyback regulator powers up first (see Label 1 in
Figure 68).
2.
When VOUT1 rises above the lower power-good threshold
(VPG_FLYBACK_LL), the buck regulator turns on (see Label 2 in
Figure 68).
3.
When the buck regulator output (VOUT2) rises above the
lower power-good threshold (VPG_BUCK_LL), the PWRGD is
driven high (see 3 in Figure 68).
4.
If any of the two analog supplies move outside the
power-good threshold ranges, PWRGD drives low after a
short deglitch delay (see 4 in Figure 68).
0V
HIGH
LOW
PWRGD
VOUT2
VINP
2
4
3
1
VOUT1
VPG_FLYBACK_UL
VPG_FLYBACK_LL
VPG_BUCK_LL
Figure 68. Power Sequencing and PWRGD
OSCILLATOR AND SYNCHRONIZATION
A phase-locked loop (PLL)-based oscillator generates the internal
clock for the flyback and buck regulators and offers an internally
generated frequency or external clock synchronization. Connect
the SYNC pin as described in Table 12 to configure the switching
frequency. For external synchronization, connect the SYNC pin to
a suitable clock source. The PLL locks to an input clock within
the range specified by fSYNC.
Table 12. Sync Pin Functionality
SYNC Pin State
Switching Frequency (fSW)
Flyback
Buck
Low or High
250 kHz
125 kHz
350 kHz to 750 kHz
fSYNC/2
fSYNC/4
THERMAL SHUTDOWN
If the ADP1032 junction temperature rises above TSHDN, the
thermal shutdown circuit turns the flyback regulator off.
Extreme junction temperatures can be the result of prolonged
high current operation, poor circuit board design, and/or high
ambient temperatures. When thermal shutdown occurs, hysteresis
is included so that the ADP1032 does not return to operation until
the on-chip temperature drops below TSHDN − THYS. When resuming
from thermal shutdown, the ADP1032 performs a soft start.
DATA ISOLATION
High Speed SPI Channels
The ADP1032 has four high speed channels. The first three,
CLK, MI/SO, and MO/SI (the slash indicates the connection of
the input and output forming a datapath across the isolator that
corresponds to an SPI bus signal), are optimized for low
propagation delay. With a maximum propagation delay of 15 ns,
the ADP1032 supports read and write clock rates up to 16.6 MHz
in the standard 4-wire SPI. However, in practice, the maximum
clock rate of 16.6 MHz is reduced as a result of the delays added
across the total ground trip of the signal.
The relationship between the SPI signal paths, the ADP1032 pin
mnemonics, and the data directions are detailed in Table 13.
Table 13. Correspondence of the Pin Mnemonics to the SPI
Signal Path Names
SPI Signal Path
Master Side
Data Direction
Slave Side
CLK
MCK
SCK
MO/SI
MO
SI
MI/SO
MI
SO
SS
MSS
SSS
The datapaths are SPI mode agnostic. The CLK and MO/SI SPI
datapaths are optimized for propagation delay and channel to
channel matching. The MI/SO SPI datapath is optimized for
propagation delay. The device does not synchronize to the clock
channels. Therefore, there are no constraints on the clock
polarity or timing with respect to the data lines.
Slave select (SS) is an active low signal. To save power in a
multichannel system, SS puts the other SPI isolator channels in
a low power state when the channels are not in use (SS = high),
and these channels are only active when required, which is when
SS is low. The clock and data channels are gated to the SS as shown
in Figure 69. However, this power saving mode adds 100 ns of
latency. This latency is the time required for the internal circuitry
to wake up from the low power state and to start transmitting
data to the isolation barrier. Conversely, the latency is the delay
from the falling edge of MSS to the first clock edge or data edge
that appears on the slave side, as shown in Figure 70.
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
MSS
MCK
MO
MI
SSS
SCK
SI
SO
Figure 69. High Speed Data Isolation Channel Gating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com