Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5043BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5043BCCZN-R7
Description  Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5043BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5043BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADRF5043
Data Sheet
Rev. 0 | Page 10 of 12
THEORY OF OPERATION
The ADRF5043 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
All of the RF ports (RFC, RF1 to RF4) are dc-coupled to 0 V,
and no dc blocking is required at the RF ports when the RF line
potential is equal to 0 V. The RF ports are internally matched to
50 Ω. Therefore, external matching networks are not required.
The ADRF5043 integrates a driver to perform logic functions
internally and to provide the user with the advantage of a simplified
CMOS-/LVTTL-compatible control interface. The driver features
four digital control input pins (EN, LS, V1, and V2) that control
the state of the RFx paths (see Table 6).
The logic select input (LS) allows the user to define the control
input logic sequence for the RF path selections. The logic level
applied to the V1 and V2 pins determines which RFx port is in
the insertion loss state while the other three paths are in the
isolation state.
When the EN pin is logic high, all four RFx paths are in
isolation state regardless of the logic state of LS, V1, V2. RFx
ports are terminated to internal 50 Ω resistors, and RFC
becomes reflective.
The insertion loss path conducts the RF signal between the
selected RF throw port and the RF common port. The switch
design is bidirectional with equal power handling capabilities.
The RF input signal can be applied to the RFC port or the
selected RF throw port. The isolation paths provide high loss
between the insertion loss path and the unselected RF throw
ports that are terminated to internal 50 Ω resistors.
The ideal power-up sequence is as follows:
1. Connect GND to ground.
2. Power up VDD and VSS. Powering up VSS after VDD
avoids current transients on VDD during ramp up.
3. Apply a control voltage to the digital control inputs (EN,
LS, V1, and V2). Applying a control voltage to the digital
control inputs before the VDD supply can inadvertently
forward bias and damage the internal ESD protection
structures. Use a series 1 kΩ resistor to limit the current
flowing into the control pin in such cases. If the control
pins are not driven to a valid logic state (that is, controller
output is in high impedance state) after VDD is powered
up, it is recommended to use a pull-up or pull-down
resistor.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the
power-up sequence.
Table 6. Control Voltage Truth Table
Digital Control Inputs
RFx Paths
EN
LS
V1
V2
RFC to RF1
RFC to RF2
RFC to RF3
RFC to RF4
Low
Low
Low
Low
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
Low
Low
High
Low
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
Low
Low
High
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
Low
Low
High
High
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)
Low
High
Low
Low
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)
Low
High
High
Low
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
Low
High
Low
High
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
High
High
High
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
High
Low or high
Low or high
Low or high
Isolation (off)
Isolation (off)
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com