Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5043BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5043BCCZN-R7
Description  Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5043BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5043BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5043BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Nonreflective, 9 kHz to 44 GHz
Silicon SP4T Switch
Data Sheet
ADRF5043
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 9 kHz to 44 GHz
Nonreflective 50 Ω design
Low insertion loss
1.5 dB up to 18 GHz
2.4 dB up to 40 GHz
2.5 dB up to 44 GHz
High isolation
44 dB up to 18 GHz
39 dB up to 40 GHz
36 dB up to 44 GHz
High input linearity
P0.1dB: 26 dBm typical
IP3: 48 dBm typical
High power handling
24 dBm through path
24 dBm terminated path
All off state control
Logic select control
No low frequency spurs
Settling time (0.1 dB final RF output): 6 µs
24-terminal, 3 mm × 3 mm LGA package
Pin compatible with ADRF5042, fast switching version
APPLICATIONS
Industrial scanners
Test instrumentation
Cellular infrastructure—millimeterwave (mmWave) 5G
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
GND
EN
V1
RFC
LS
GND
VSS
GND
GND
RF2
GND
GND
RF3
GND
50Ω
50Ω
50Ω
50Ω
ADRF5043
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Figure 1.
GENERAL DESCRIPTION
The ADRF5043 is a nonreflective, SP4T switch manufactured in
the silicon on insulator (SOI) process.
The ADRF5043 operates from 9 kHz to 44 GHz with an
insertion loss of lower than 2.5 dB and an isolation of higher
than 36 dB. The device has a RF input power handling
capability of 24 dBm for both through and terminated paths.
The ADRF5043 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device employs CMOS- and low voltage transistor
to transistor logic (LVTTL)-compatible controls.
The ADRF5043 has enable and logic select controls to feature
all off state and port mirroring, respectively.
The ADRF5043 is pin compatible with the ADRF5042 fast
switching version, which operates from 100 MHz to 44 GHz.
The ADRF5043 comes in a 24-terminal, 3 mm × 3 mm, RoHS
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5043BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040-EVALZ AD-ADRF5040-EVALZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ AD-ADRF5040BCPZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ-R7 AD-ADRF5040BCPZ-R7 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results

Similar Description - ADRF5043BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com