Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP8-08AS Datasheet(PDF) 3 Page - IXYS Corporation

Part # DSP8-08AS
Description  Phase-leg Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSP8-08AS Datasheet(HTML) 3 Page - IXYS Corporation

  DSP8-08AS Datasheet HTML 1Page - IXYS Corporation DSP8-08AS Datasheet HTML 2Page - IXYS Corporation DSP8-08AS Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2004 IXYS All rights reserved
3 - 3
IXYS reserves the right to change limits, test conditions and dimensions
DSP 8
Fig. 1 Forward current versus voltage
drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Fig. 4 Power dissipation versus direct output current and ambient temperature, sine 180°
Fig. 5 Max. forward current versus
case temperature
Fig. 6 Transient thermal impedance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.252
0.002
2
1.045
0.032
3
1.932
0.227
4
0.271
1.2
0.001
0.01
0.1
1
0
50
100
150
23
4
5 6 7 8 9
110
101
102
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
0369
0
5
10
15
20
0
30
60
90
120
150
180
0.0001
0.001
0.01
0.1
1
10
0
1
2
3
4
I
2t
I
FSM
I
F
A
V
F
t
s
t
P
tot
W
I
d(AV)M
A
T
amb
t
s
K/W
A
2s
0
40
80
120
160
0
3
6
9
12
15
I
d(AV)M
T
C
A
V
A
C
50 Hz, 80% V
RRM
T
VJ = 45°C
T
VJ = 150°C
T
VJ = 150°C
ms
T
VJ = 180°C
T
VJ =
25°C
V
R = 0 V
T
VJ = 45°C
C
DSP 8
RthJA:
3 K/W
5 K/W
8 K/W
12 K/W
20 K/W
50 K/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com