Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP8-08AS Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSP8-08AS
Description  Phase-leg Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSP8-08AS Datasheet(HTML) 1 Page - IXYS Corporation

  DSP8-08AS Datasheet HTML 1Page - IXYS Corporation DSP8-08AS Datasheet HTML 2Page - IXYS Corporation DSP8-08AS Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2004 IXYS All rights reserved
1 - 3
IXYS reserves the right to change limits, test conditions and dimensions
DSP 8
Symbol
Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
17
A
I
F(AV)M
T
case = 100
°C; 180° sine
11
A
I
FSM
T
VJ = 45
°C;
t = 10 ms
(50 Hz), sine
100
A
t = 8.3 ms
(60 Hz), sine
110
A
T
VJ = 150
°C; t = 10 ms
(50 Hz), sine
90
A
t = 8.3 ms
(60 Hz), sine
100
A
I2t
T
VJ = 45
°C;
t = 10 ms
(50 Hz), sine
50
A2s
t = 8.3 ms
(60 Hz), sine
50
A2s
T
VJ = 150
°C; t = 10 ms
(50 Hz), sine
41
A2s
t = 8.3 ms
(60 Hz), sine
42
A2s
T
VJ
-40...+180
°C
T
VJM
180
°C
T
stg
-40...+150
°C
M
d
1)
Mounting torque
0.4...0.6
Nm
Weight
TO-263/TO-220
2/4
g
V
RRM
= 800/1200 V
I
F(RMS)
= 2x17 A
I
F(AV)M
= 2x11 A
Features
• International standard packages
JEDEC TO-220 AB and TO-263 AA
surface mountable
• For single and three phase bridge
configuration
• Planar passivated chips
• Epoxy meets UL 94V-0 flammability
classification
1) TO-220 only
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
Phase-leg
Rectifier Diode
TO-220 AB
TO-263 AA
2
(TAB)
1
3
2
1
3
2
2
(TAB)
1 = Cathode, 2 = Anode/Cathode, 3 = Anode
TAB = Anode/Cathode
V
RSM
V
RRM
TO-220 AB
TO-263 AA
TO-263AB
V
V
Type
900
800
DSP 8-08A
DSP 8-08AS DSP 8-08S
1300
1200
DSP 8-12A
DSP 8-12AS DSP 8-12S
Symbol
Conditions
Characteristic Values
I
R
T
VJ = 25
°CV
R
= V
RRM
≤
5µA
V
F
I
F = 7 A; TVJ = 25
°C
≤
1.15
V
V
T0
For power-loss calculations only
0.8
V
r
T
T
VJ = TVJM
40
m
Ω
R
thJC
DC current
3.5
K/W
R
thCH
1)
DC current (with heatsink compound)
typ.
0.5
K/W
a
Maximum allowable acceleration
100
m/s2
1
TAB
3
TO-263 AB
TAB
1
3


Similar Part No. - DSP8-08AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP8-08AS IXYS-DSP8-08AS Datasheet
46Kb / 1P
Phase-leg Rectifier Diode
DSP8-08AS IXYS-DSP8-08AS Datasheet
546Kb / 5P
Standard Rectifier
More results

Similar Description - DSP8-08AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
L015 IXYS-L015 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
DSP8-08 IXYS-DSP8-08 Datasheet
46Kb / 1P
Phase-leg Rectifier Diode
DSP8-08AC IXYS-DSP8-08AC Datasheet
393Kb / 1P
Phase-leg Rectifier Diode ISOPLUS220
DSP45 IXYS-DSP45 Datasheet
122Kb / 2P
Phase-leg Rectifier Diode
logo
Microsemi Corporation
APTDF400AK60G MICROSEMI-APTDF400AK60G Datasheet
216Kb / 4P
Diode Phase leg Power Module
APTDF400AK120G MICROSEMI-APTDF400AK120G Datasheet
220Kb / 4P
Diode Phase leg Power Module
logo
IXYS Corporation
MDD312-12N1 IXYS-MDD312-12N1 Datasheet
296Kb / 6P
Standard Rectifier Module Phase leg
MDMA25P1200TG IXYS-MDMA25P1200TG Datasheet
270Kb / 5P
Standard Rectifier Module Phase leg
DSP8 IXYS-DSP8 Datasheet
1Mb / 1P
Phase-leg Rectifier Diode ISOPLUS220
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com