Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 2Page - NXP Semiconductors PCF8545ATT Datasheet HTML 3Page - NXP Semiconductors PCF8545ATT Datasheet HTML 4Page - NXP Semiconductors PCF8545ATT Datasheet HTML 5Page - NXP Semiconductors PCF8545ATT Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
6 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
[1]
The bank-select command has no effect in 1:3 or 1:4 multiplex drive modes.
[1]
Normal blinking can only be selected in multiplex drive mode 1:3 or 1:4.
[2]
For the blink frequencies, see Table 12.
7.2 Clock and frame frequency
7.2.1 Oscillator
The internal logic and the LCD drive signals of the PCA85233 are timed by a frequency
fclk which either is derived from the built-in oscillator frequency fosc:
(1)
Table 8.
Device-select command bit description
See Section 7.3.2.
Bit
Symbol
Value
Description
7 to 2
-
111000
fixed value
1 to 0
A[1:0]
00 to 11
device selection
2-bit binary value of 0 to 3, transferred to the subaddress
counter to define one of 4 hardware subaddresses
Table 9.
Bank-select command bit description[1]
See Section 7.3.5 and Section 7.3.6.
Bit
Symbol
Value
Description
Static
1:2 multiplex
7 to 2
-
111110
fixed value
1I
input bank selection: storage of arriving display data
0
RAM row 0
RAM rows 0 and 1
1
RAM row 2
RAM rows 2 and 3
0O
output bank selection: retrieval of LCD display data
0
RAM row 0
RAM rows 0 and 1
1
RAM row 2
RAM rows 2 and 3
Table 10.
Blink-select command bit description
See Section 7.2.3.
Bit
Symbol
Value
Description
7 to 3
-
11110
fixed value
2AB
blink mode selection[1]
0
normal blinking
1
blinking by alternating display RAM banks
1 to 0
BF[1:0]
blink frequency selection[2]
00
off
01
1
10
2
11
3
f
clk
f
osc
64
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com