Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT Datasheet HTML 15Page - NXP Semiconductors PCF8545ATT Datasheet HTML 16Page - NXP Semiconductors PCF8545ATT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
13 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
mode, the contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives
the provision for preparing display information in an alternative bank and to be able to
switch to it once it is assembled.
7.3.6 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command (see
Table 9). The input bank selector functions independently to the output bank selector.
7.4 Initialization
At power-on the status of the I2C-bus and the registers of the PCA85233 is undefined.
Therefore the PCA85233 should be initialized as quickly as possible after power-on to
ensure a proper bus communication and to avoid display artifacts. The following
instructions should be accomplished for initialization:
7.4.1 Device initialization
At power-on the status of the I2C-bus communication interface is undefined since this
device doesn’t have POR which was removed to improve the ESD performance. A START
and STOP condition with dummy byte in-between must be sent after every power reset to
set up the I2C-bus communication interface.
• I2C-bus (see Section 8) initialization
– generating a START condition
– sending 0h (1 byte) and ignoring the acknowledge – Note, this is not the device
address but just a dummy byte of all zeros
– generating a STOP condition
7.4.2 Device setup
At power-on the status of the display and configuration registers are undefined and need
to be set up to properly display information on the LCD display. After the I2C-bus interface
is initialized as discussed in Section 7.4.1 set up the device using these register settings
• Mode-set command (see Table 6), setting
– bit E = 0
– bit B to the required LCD bias configuration
– bits M[1:0] to the required LCD drive mode
• Load-data-pointer command (see Table 7), setting
– bits P[4:0] to 0h (or any other required address)
• Device-select command (see Table 8), setting
– bits A[1:0] to the required hardware subaddress (for example, 0h)
• Bank-select command (see Table 9), setting
– bit I to 0
– bit O to 0
• Blink-select command (see Table 10), setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com