Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8536AT
Description  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 36Page - NXP Semiconductors PCF8536AT Datasheet HTML 37Page - NXP Semiconductors PCF8536AT Datasheet HTML 38Page - NXP Semiconductors PCF8536AT Datasheet HTML 39Page - NXP Semiconductors PCF8536AT Datasheet HTML 40Page - NXP Semiconductors PCF8536AT Datasheet HTML 41Page - NXP Semiconductors PCF8536AT Datasheet HTML 42Page - NXP Semiconductors PCF8536AT Datasheet HTML 43Page - NXP Semiconductors PCF8536AT Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
40 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
Table 23.
Dimensions of PCA85233UG
Original dimensions are in mm.
Unit (mm)
A
A1
A2
b
D
E
e
e1
L
max
-
0.018
-------
nom
0.40
0.015
0.38
0.03
4.16
1.07
0.054
0.203
0.09
min
-
0.012
-------
Table 24.
Bump locations of PCA85233UG
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 27.
Symbol
Bump
X (
m)
Y (
m)
Description
SDAACK
1
1022.67 436.5
[1] I2C-bus acknowledge output
SDAACK
2
968.67
436.5
SDAACK
3
914.67
436.5
SDA
4
712.17
436.5
[1] I2C-bus serial data input
SDA
5
658.17
436.5
SDA
6
604.17
436.5
SCL
7
433.17
436.5
I2C-bus serial clock input
SCL
8
379.17
436.5
SCL
9
325.17
436.5
CLK
10
173.52
436.5
clock input/output
VDD
11
61.47
436.5
supply voltage
VDD
12
7.47
436.5
VDD
13
46.53
436.5
SYNC
14
149.58
436.5
cascade synchronization input/output
OSC
15
262.08
436.5
oscillator select
FF
16
345.78
436.5
frame frequency select
A0
17
429.48
436.5
subaddress input
A1
18
513.18
436.5
T1
19
596.88
436.5
test pin
SA0
20
680.58
436.5
I2C-bus slave address input; bit 0
VSS
21
765.63
436.5
ground supply voltage
VSS
22
819.63
436.5
VSS
23
873.63
436.5
VLCD
24
979.83
436.5
LCD supply voltage
VLCD
25
1033.83
436.5
VLCD
26
1087.83
436.5
BP2
27
1176.03
436.5
LCD backplane output
BP0
28
1230.03
436.5
S0
29
1284.03
436.5
LCD segment output
S1
30
1338.03
436.5
S2
31
1392.03
436.5
S3
32
1446.03
436.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com