Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8536AT
Description  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 39Page - NXP Semiconductors PCF8536AT Datasheet HTML 40Page - NXP Semiconductors PCF8536AT Datasheet HTML 41Page - NXP Semiconductors PCF8536AT Datasheet HTML 42Page - NXP Semiconductors PCF8536AT Datasheet HTML 43Page - NXP Semiconductors PCF8536AT Datasheet HTML 44Page - NXP Semiconductors PCF8536AT Datasheet HTML 45Page - NXP Semiconductors PCF8536AT Datasheet HTML 46Page - NXP Semiconductors PCF8536AT Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
43 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
[1]
For most applications SDA and SDAACK are shorted together; see Section 8.
[2]
The dummy pads are connected to VSS but are not tested.
[1]
Pressure of diamond head: 10 g to 50 g.
BP3
109
1228.05 436.5
LCD backplane output
BP1
110
1174.05 436.5
D1
-
1932.03
436.5
[2] dummy pad
D2
-
1909.53
436.5
D3
-
1801.53
436.5
D4
-
1693.53
436.5
D5
-
1585.53
436.5
D6
-
1477.53
436.5
D7
-
1846.35 436.5
D8
-
1953
436.5
D9
-
1930.05 436.5
Table 25.
Gold bump hardness
Type number
Min
Max
Unit[1]
PCA85233UG/2DA/Q1
60
120
HV
The approximate positions of the alignment marks are shown in Figure 27.
Fig 28. Alignment marks of PCA85233
Table 26.
Alignment mark locations
All x/y coordinates represent the position of the REF point (see Figure 28) with respect to the center
(x/y = 0) of the chip; see Figure 27.
Symbol
Size (
m)
X (
m)
Y (
m)
S1
81
 81
1916.1
45
C1
81
 81
1855.8
45
Table 24.
Bump locations of PCA85233UG
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 27.
Symbol
Bump
X (
m)
Y (
m)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com