Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP10N60 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP10N60
Description  Low VCE(sat) IGBT, High speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP10N60 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP10N60 Datasheet HTML 1Page - IXYS Corporation IXGP10N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGA/ IXGP/
IXGH10N60
IXGA/ IXGP/
IXGH10N60A
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
4
8
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
750
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
100
pF
C
res
30
pF
Q
g
50
70
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
15
25
nC
Q
gc
25
45
nC
t
d(on)
100
ns
t
ri
200
ns
E
on
0.4
mJ
t
d(off)
600
ns
t
fi
10N60A
300
ns
E
off
10N60A
0.6
mJ
t
d(on)
100
ns
t
ri
200
ns
E
on
1mJ
t
d(off)
900
1500
ns
t
fi
10N60
570
2000
ns
10N60A
360
600
ns
E
off
10N60
2.0
mJ
10N60A
1.2
mJ
R
thJC
1.25 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = IC90, VGE = 15 V, L = 100 µH
V
CE = 0.8 VCES,
R
G = Roff = 150 Ω
Remarks: Switching times
may increase for V
CE
(Clamp) > 0.8 • V
CES ,
higher T
J or increased RG
IXGA/P/IXGH 10N60 / 10N60A characteristic curves are located in the
IXGH 10N60U1 and IXGH 10N60AU1 data sheet.
Inductive load, T
J = 125°
°°°°C
I
C = IC90, VGE = 15 V,
L = 100
µH
V
CE = 0.8 VCES ,
R
G = Roff = 150 Ω
Remarks: Switching times
may increase for V
CE
(Clamp) > 0.8 • V
CES, higher
T
J or increased RG
(Dimensions in inches and (mm))
Min. Recommended Footprint
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70
14.93
0.500
0.580
B
14.23
16.50
0.560
0.650
C
9.66
10.66
0.380
0.420
D
3.54
4.08
0.139
0.161
E
5.85
6.85
0.230
0.270
F
2.29
2.79
0.090
0.110
G
1.15
1.77
0.045
0.070
H
2.79
6.35
0.110
0.250
J
0.64
0.89
0.025
0.035
K
2.54
BSC
0.100
BSC
M
4.32
4.82
0.170
0.190
N
0.64
1.39
0.025
0.055
Q
0.51
0.76
0.020
0.030
R
2.04
2.49
0.080
0.115
1. Gate
2. Collector
3. Emitter
4. Collector Bottom Side
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
TO-220 AB Outline
TO-263 AA Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205
0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232
0.252
R
4.32
5.49
.170
.216
S
6.15
BSC
242
BSC
e
∅ P
TO-247 AD Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com