Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP10N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP10N60
Description  Low VCE(sat) IGBT, High speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP10N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP10N60 Datasheet HTML 1Page - IXYS Corporation IXGP10N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1996 IXYS All rights reserved
91510G (9/96 )
Preliminary data
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
200
µA
V
GE
= 0 V
T
J = 125°C1
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
10N60
2.5
V
10N60A
3.0
V
Features
l International standard packages
JEDEC TO-263 AA surface
mountable and JEDEC TO-247 AD
l 2nd generation HDMOSTM process
Low V
CE(sat)
- for low on-state conduction losses
l High current handling capability
l MOS Gate turn-on
- drive simplicity
Applications
l AC motor speed control
l DC servo and robot drives
l DC choppers
l Uninterruptible power supplies (UPS)
l Switch-mode and resonant-mode
power supplies
Advantages
l Space savings, TO-263 AA
l Facilitates automated assembly
l Reduces assembly time and cost
l Easy to mount with 1 screw, TO-247
(isolated mounting screw hole)
l High power density
G
E
C (TAB)
TO-263 AA (IXGA)
E
C
G
G
C E
TO-247 AD (IXGH)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
C (TAB)
Low V
CE(sat) IGBT
High speed IGBT
TO-220AB(IXGP)
IXGA/IXGP/IXGH10N60
IXGA/IXGP/IXGH10N60A
V
CES
I
C25
V
CE(sat)
600 V
20 A
2.5 V
600 V
20 A
3.0 V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25 °C20
A
I
C90
T
C = 90 °C10
A
I
CM
T
C = 25 °C, 1 ms
40
A
SSOA
V
GE = 15 V, T VJ = 125°C, RG = 150 Ω
I
CM = 20
A
(RBSOA)
Clamped inductive load, L = 300
µH
@ 0.8 V
CES
P
C
T
C
= 25
°C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum Lead and Tab temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque, TO-247 AD
1.13/10 Nm/lb.in.
Weight
TO-263 AA
2
g
TO-247 AD
6
g


Similar Part No. - IXGP10N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP12N100 IXYS-IXGP12N100 Datasheet
51Kb / 2P
IGBT
IXGP12N100A IXYS-IXGP12N100A Datasheet
51Kb / 2P
IGBT
IXGP12N100AU1 IXYS-IXGP12N100AU1 Datasheet
116Kb / 4P
IGBT - Combi Pack
IXGP12N100U1 IXYS-IXGP12N100U1 Datasheet
116Kb / 4P
IGBT - Combi Pack
IXGP12N120A2 IXYS-IXGP12N120A2 Datasheet
584Kb / 5P
IGBT Optimized for switching up to 5KHz
More results

Similar Description - IXGP10N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH25N120 IXYS-IXGH25N120 Datasheet
45Kb / 2P
Low VCE(sat) High speed IGBT
IXGH10N100 IXYS-IXGH10N100 Datasheet
46Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM17N100 IXYS-IXGM17N100 Datasheet
64Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM20N60 IXYS-IXGM20N60 Datasheet
64Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM25N100 IXYS-IXGM25N100 Datasheet
106Kb / 4P
Low VCE(sat), High speed IGBT
IXGM30N60 IXYS-IXGM30N60 Datasheet
64Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGM40N60 IXYS-IXGM40N60 Datasheet
106Kb / 4P
Low VCE(sat) IGBT, High speed IGBT
IXSM25N100 IXYS-IXSM25N100 Datasheet
102Kb / 6P
Low VCE(sat) IGBT, High Speed IGBT
IXSM30N60 IXYS-IXSM30N60 Datasheet
241Kb / 2P
Low VCE(sat) IGBT, High Speed IGBT
IXSM40N60 IXYS-IXSM40N60 Datasheet
91Kb / 6P
Low VCE(sat) IGBT, High Speed IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com