Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP12DC Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TP12DC
Description  12W Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP12DC Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TP12DC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP12DC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP12DC Datasheet HTML 3Page - Toppower Electronic Technology Limited TP12DC Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP12DC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4/ 4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT:
Single Output:
Dual Output:
USING ATTENTIONS
l
Module will cause irreversible damage when in the state of the input reverse polarity.
l
Module will cause irreversible damage when in the long-term overload conditions.
l
Module will cause irreversible damage when out of the maximum input voltage range.
+vin
-vin
Cin
+
+V0
Cout
+
-V0
DC-DC
+vin
-vin
Cin
+
+V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
l
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
l
If the module connect to the digital circuits, please add the Cout 、Cout1、Cout2.
l
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
l
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com