Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP12DC Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP12DC
Description  12W Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP12DC Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP12DC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP12DC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP12DC Datasheet HTML 3Page - Toppower Electronic Technology Limited TP12DC Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP12DC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1/ 4
DESCRIPTION:
The rated output power of TP12DC converters is 12W,the outline dimensions is "50.8*25.4*11.2",
2:1 and 4:1 wide input voltage range, the voltage range is 9V-18V,18V-36V,36V-72V,9V-36V and
18V-72VDC.The accuracy of the converter can reach
±1%,it can be widely used in
telecommunications, railway transportation, instrument and etc.
12W Wide Input Voltage DC/DC Converters
All specifications typical at TA=25
°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
12W output power
2:1&4:1 input voltage range
Over load protection
50.8mm*25.4mm*11.2mm standard package
Fixed switching frequency
Over voltage protection
Metal shielding package
RoHS compliant
Operating temperature: -25 to 55
ºC
℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
Maximum Capacitive
Load
(u F)
voltage(VDC)
Voltage(VDC)
Current(A)
Rated
Range values
TP12DC12S03
12(2:1)
9-18
3.3
3.6
≥75
6800
TP12DC12S05
12(2:1)
9-18
5
2.4
≥77
4700
TP12DC12S12
12(2:1)
9-18
12
1.0
≥80
690
TP12DC12S15
12(2:1)
9-18
15
0.8
≥82
470
TP12DC12D05
12(2:1)
9-18
±5
±1.2
≥77
±680
TP12DC12D12
12(2:1)
9-18
±12
±0.5
≥79
±330
TP12DC12D15
12(2:1)
9-18
±15
±0.4
≥80
±110
TP12DC24S03
24(2:1)
18-36
3.3
3.6
≥76
6800
TP12DC24S05
24(2:1)
18-36
5
2.4
≥79
4700
TP12DC24S12
24(2:1)
18-36
12
1
≥81
690
TP12DC24S15
24(2:1)
18-36
15
0.8
≥83
470
TP12DC24D05
24(2:1)
18-36
±5
±1.2
≥80
±680
TP12DC24D12
24(2:1)
18-36
±12
±0.5
≥80
±330
TP12DC24D15
24(2:1)
18-36
±15
±0.4
≥83
±110
TP12DC48S03
48(2:1)
36-72
3.3
3.6
≥78
6800
TP12DC48S05
48(2:1)
36-72
5
2.4
≥81
4700
TP12DC48S12
48(2:1)
36-72
12
1.0
≥82
690
TP12DC48S15
48(2:1)
36-72
15
0.8
≥83
470
TP12DC48D05
48(2:1)
36-72
±5
±1.2
≥81
±680
TP12DC48D12
48(2:1)
36-72
±12
±0.5
≥82
±330
TP12DC48D15
48(2:1)
36-72
±15
±0.4
≥83
±110
TP12DC24S05W
24(4:1)
9-36
5
2.4
≥78
4700
TP12DC24S12W
24(4:1)
9-36
12
1.0
≥80
690
TP12DC24S15W
24(4:1)
9-36
15
0.8
≥82
470
TP12DC24D05W
24(4:1)
9-36
±5
±1.2
≥79
±680
TP12DC24D12W
24(4:1)
9-36
±12
±0.5
≥79
±330
TP12DC24D15W
24(4:1)
9-36
±15
±0.4
≥82
±110
TP12DC48S05W
48(4:1)
18-72
5
2.4
≥80
4700
TP12DC48S12W
48(4:1)
18-72
12
1.0
≥81
690
TP12DC48S15W
48(4:1)
18-72
15
0.8
≥82
470
TP12DC48D05W
48(4:1)
18-72
±5
±1.2
≥79
±680
TP12DC48D12W
48(4:1)
18-72
±12
±0.5
≥80
±330
TP12DC48D15W
48(4:1)
18-72
±15
±0.4
≥81
±110


Similar Part No. - TP12DC

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP11-SH-A-B-E-2-2 CK-COMPONENTS-TP11-SH-A-B-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AP-E-2-2 CK-COMPONENTS-TP11-SH-AP-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AR-E-2-2 CK-COMPONENTS-TP11-SH-AR-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SHAV-B-E-2-2 CK-COMPONENTS-TP11-SHAV-B-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
More results

Similar Description - TP12DC

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1200RU MPD-B1200RU Datasheet
81Kb / 2P
Ultra-Wide Input 12W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
5W Wide Voltage Input DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
6W Wide Voltage Input DC/DC Converters
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
8W Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
30W Wide Voltage Input DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
5W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com