Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3507D Datasheet(PDF) 21 Page - Micronas

Part # MAS3507D
Description  MPEG 1/2 Layer 2/3 Audio Decoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3507D Datasheet(HTML) 21 Page - Micronas

Back Button MAS3507D Datasheet HTML 17Page - Micronas MAS3507D Datasheet HTML 18Page - Micronas MAS3507D Datasheet HTML 19Page - Micronas MAS3507D Datasheet HTML 20Page - Micronas MAS3507D Datasheet HTML 21Page - Micronas MAS3507D Datasheet HTML 22Page - Micronas MAS3507D Datasheet HTML 23Page - Micronas MAS3507D Datasheet HTML 24Page - Micronas MAS3507D Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
PRELIMINARY DATA SHEET
MAS 3507D
Micronas
21
3.3.2. Read Control Interface Data
An internal memory array keeps the status information
of the MAS 3507D (see Table 3–10). The ‘read control
interface data’ command can be used for quick access
to this memory array. A successive range of memory
locations may be read by passing a 6-bit offset value
“o” and a 6-bit count value “n” as parameter.
Both values are combined in a 12-bit = 4 nibble field
x2, x1, x0. If, for example, 4 words (n = 4) starting with
one word offset (o = 2), i.e. the MPEG Status 2, the
CRCErrorCount, and NumberOfAncillaryBits are read
from the control memory array, the 3 nibbles x2, x1 and
x0 are evaluated as shown in the following table.
The complete I2C protocol reads as:
<$3a><$68><$30><$83>
<$3a><$69><$3b><receive 3 16-bit data values>
The ‘read control interface data’ command resets the
MPEG-FRAME-SYNC at PI4 pin (see Section 2.9. on
page 16).
3.3.3. Write Register
The
controller
writes
the
20-bit
value
(d = d4,d3,d2,d1,d0) into the MAS 3507D register
(r = r1,r0). In contrast to memory cells, registers are
always addressed individually, and they may also inter-
act with built-in hardware blocks. A list of useful regis-
ters is given in the next section.
Example: Muting can be realized by writing the value 1
into the register with the number $aa:
<$3a><$68><$9a><$a1><$00><$00>
3.3.4. Write D0 Memory
The MAS 3507D has 2 memory areas of 2048 words
each called D0 and D1 memory. For both memory
areas, read and write commands are provided.
Example: reconfiguration of the output to 16 bit without
delay has the following I2C protocol:
<$3a><$68><$a0><$00> (write D0 memory)
<$00><$01>
(1 word to write)
<$03><$2f>
(start address)
<$00><$10>
(value = $00010)
<$00><$00>
<$3a><$68><$04><$75> (run command)
3.3.5. Write D1 Memory
For further details, see ‘write D0 memory’ command.
11
10
9
8
7
6
5
4
3
2
1
0
6-bit values
offset: 2
number of words: 3
bit
0
0
0
0
1000001
1
nibble
0
8
3
S
dev_write
A data_write A
$3, x2
A
d3, d2
x1,x0
S
dev_write
A
data_read
A S
dev_read
A
A d1,d0
A
Nak
P
1) send command
2) get ancillary data values
....repeat for n data values....
d3, d2
A
d1,d0
d3...d0: 16-bit data values
(ancillary word 0)
A P
x2...x0: combined count, offset value
S
S
dev_write
A data_write A $9, r1 A
P
r0, d0
A
d4, d3
A d2, d1 A
S
dev_write
A data_write
$A, $0
A $0,$0
A n3,n2
A n1,n0
A a3,a2
a1,a0
n3..n0: number of words
a3..a0: start address in MASD memory
d4..d0: data value
A
n3,n2
A n3,n2
A d1,d0
A $0,$0
$0,d4
A
d3,d2
....repeat for n data values....
A n3,n2
A d1,d0
A $0,$0
$0,d4
A
d3,d2
A P
A
S
dev_write
A data_write A $B, $0 A $0,$0
A n3,n2
A n1,n0
A a3,a2
a1,a0
n3..n0: number of words to be transmitted
a3..a0: start address in MASD memory
d4..d0: data value
A
n3,n2
A n3,n2
A d1,d0
A $0,$0
$0,d4
A
d3,d2
....repeat for n data values....
A n3,n2
A d1,d0
A $0,$0
$0,d4
A
d3,d2
A P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com