Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3507D Datasheet(PDF) 22 Page - Micronas

Part # MAS3507D
Description  MPEG 1/2 Layer 2/3 Audio Decoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3507D Datasheet(HTML) 22 Page - Micronas

Back Button MAS3507D Datasheet HTML 18Page - Micronas MAS3507D Datasheet HTML 19Page - Micronas MAS3507D Datasheet HTML 20Page - Micronas MAS3507D Datasheet HTML 21Page - Micronas MAS3507D Datasheet HTML 22Page - Micronas MAS3507D Datasheet HTML 23Page - Micronas MAS3507D Datasheet HTML 24Page - Micronas MAS3507D Datasheet HTML 25Page - Micronas MAS3507D Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
MAS 3507D
PRELIMINARY DATA SHEET
22
Micronas
3.3.6. Read Register
The MAS 3507D has an address space of 256 regis-
ters. Some of the registers (r = r1,r0 in the figure
above) are direct control inputs for various hardware
blocks, others do control the internal program flow. In
the next section, those registers that are of any interest
with respect to the MPEG decoding are described in
detail.
Example:
Read the content of the PIO data register ($c8):
<$3a><$68><$dc><$80>
<$3a><$69><$3b>
now read:
<d3,d2><d1,d0><x,x><x,d4>
3.3.7. Read D0 Memory
The ‘read D0 memory’ command is provided to get
information from memory cells of the MAS 3507D. It
gives the controller access to all memory cells of the
internal D0 memory. Direct access to memory cells is
an advanced feature of the DSP. It is intended for users
of the MASC software development kit.
3.3.8. Read D1 Memory
The ‘read D1 memory’ command is provided to get
information from memory cells of the MAS 3507D. It
gives the controller access to all memory cells of the
internal D1 memory.
3.3.9. Default Read
The ‘default read’ command immediately returns the
content of the MPEGFrameCount (D0:$300) of the
MAS 3507D in the variable (d = d3,d2,d1,d0). The
‘default read’ command is the fastest way to get infor-
mation from the MAS 3507D. Executing the ‘default
read’ command in a polling loop can be used to detect
the availability of new ancillary data.
S
dev_write
A data_write A $D, r1 A
d3, d2
P
r0,$0
A
S
dev_write
A
data_read
A S
dev_read
A
A d1,d0
A
X,X
A
X, d4
Nak
P
1) send command
2) get register value
r1, r0: register r
d3...d0: data value in r
X:
don’t care
S
dev_write
A data_write A $E, $0 A
d3, d2
$0,$0
A
S
dev_write
A
data_read
A S
dev_read
A
A d1,d0 A $0,$0 A $0, d4
1) send command
2) get memory value
n3,n2
n1,n0
A a3,a2 A a1,a0
A
....repeat for n data values....
n3..n0: number of words
a3..a0: start address in MASD memory
d4..d0: data value
A
d3, d2
A d1,d0
A $0,$0 A $0, d4
P
NaK
P
A
S
dev_write
A data_write A $F, $0 A
d3, d2
$0,$0
A
S
dev_write
A
data_read
A S
dev_read
A
A d1,d0
A $0,$0 A $0, d4
1) send command
2) get memory value
n3,n2
n1,n0
A a3,a2 A
P
a1,a0
A
A
....repeat for n data values....
n3..n0: number of words
a3..a0: start address in MASD memory
d4..d0: data value
A
d3, d2
A d1,d0
A $0,$0 A $0, d4
P
NaK
S
dev_write
A
data_read
A S device_read
A d3,d2
Nak
P
A d1,d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com