Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908897 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1908897
Description  Base strip - MC 1,5/ 4-GF-3,81 THT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908897 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1908897 Datasheet HTML 1Page - PHOENIX CONTACT 1908897 Datasheet HTML 2Page - PHOENIX CONTACT 1908897 Datasheet HTML 3Page - PHOENIX CONTACT 1908897 Datasheet HTML 4Page - PHOENIX CONTACT 1908897 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/1908897
10/30/2014   Page 4 / 5
Base strip - MC 1,5/ 4-GF-3,81 THT - 1908897
Approvals
GOST 
CCA 
 
 
Nominal current IN
8 A
Nominal voltage UN
160 V
cULus Recognized 
Drawings
Drilling diagram
a
3,81
7,1
Dimensioned drawing
18,7
9,2
a
8
a+14,2
4,5
3,81



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com