Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908897 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908897
Description  Base strip - MC 1,5/ 4-GF-3,81 THT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908897 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908897 Datasheet HTML 1Page - PHOENIX CONTACT 1908897 Datasheet HTML 2Page - PHOENIX CONTACT 1908897 Datasheet HTML 3Page - PHOENIX CONTACT 1908897 Datasheet HTML 4Page - PHOENIX CONTACT 1908897 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1908897
10/30/2014   Page 1 / 5
Base strip - MC 1,5/ 4-GF-3,81 THT - 1908897
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.81 mm, Color: black,
Contact surface: Tin, Assembly: SMD/THT/THR, User information and design recommendations for through hole
reflow technology can be found under “Downloads”
The figure shows a 10-position
version of the product
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
3.8 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
9.2 mm
Pitch
3.81 mm
Dimension a
11.43 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MC 1,5/..-GF-THT
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V


Similar Part No. - 1908897

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1908800 PHOENIX-1908800 Datasheet
144Kb / 6P
MC 1,5/ 6-ST-3,81
1908800 PHOENIX-1908800 Datasheet
151Kb / 6P
MCVW 1,5/ 6-ST-3,81
1908800 PHOENIX-1908800 Datasheet
138Kb / 6P
MCVR 1,5/ 6-ST-3,81
1908800 PHOENIX-1908800 Datasheet
149Kb / 6P
FK-MCP 1,5/ 6-ST-3,81
1908813 PHOENIX-1908813 Datasheet
144Kb / 6P
MC 1,5/ 7-ST-3,81
More results

Similar Description - 1908897

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827910 PHOENIX-1827910 Datasheet
103Kb / 7P
Base strip - MC 1,5/ 7-GF-3,81
1827981 PHOENIX-1827981 Datasheet
103Kb / 7P
Base strip - MC 1,5/14-GF-3,81
1943771 PHOENIX-1943771 Datasheet
105Kb / 6P
Base strip - MC 1,5/ 4-G-3,81 THT-R56
1909100 PHOENIX-1909100 Datasheet
86Kb / 5P
Base strip - MC 1,5/ 9-GF-3,81 THT
1909113 PHOENIX-1909113 Datasheet
86Kb / 5P
Base strip - MC 1,5/10-GF-3,81 THT
1909126 PHOENIX-1909126 Datasheet
86Kb / 5P
Base strip - MC 1,5/11-GF-3,81 THT
1909139 PHOENIX-1909139 Datasheet
86Kb / 5P
Base strip - MC 1,5/12-GF-3,81 THT
1848436 PHOENIX-1848436 Datasheet
91Kb / 5P
Base strip - MC 1,5/19-GF-3,81
1945449 PHOENIX-1945449 Datasheet
89Kb / 5P
Base strip - MC 1,5/ 4-G-3,81 THT-R32
1996883 PHOENIX-1996883 Datasheet
114Kb / 5P
Base strip - MC 1,5/ 4-GF-3,5 THT-R56
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com