Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSP16N60 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSP16N60
Description  Low V CE(sat) IGBT - Short Circuit SOA Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSP16N60 Datasheet(HTML) 2 Page - IXYS Corporation

  IXSP16N60 Datasheet HTML 1Page - IXYS Corporation IXSP16N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXSA16N60
IXSP16N60
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
3.3
5.0
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
I
C(on)
V
GE = 15 V, VCE = 10 V
50
A
C
ies
920
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
65
pF
C
res
14
pF
Q
g
40
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
13
nC
Q
gc
18
nC
t
d(on)
30
ns
t
ri
30
ns
t
d(off)
100
420
ns
t
fi
310
470
ns
E
off
1.9
2.9
mJ
t
d(on)
30
ns
t
ri
30
ns
E
on
0.12
mJ
t
d(off)
150
ns
t
fi
510
ns
E
off
3.0
mJ
R
thJC
1.25 K/W
Note 1: Switching times may increase for V
CE (Clamp) > 0.8 • VCES , higher TJ or
increased R
G
Inductive load, T
J = 25°
°°°°C
I
C = 16A, VGE = 15 V, L = 300 µH
V
CE = 0.8 VCES, RG = 22 Ω
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
TO-263 AA Outline
1. Gate
2. Collector
3. Emitter
4. Collector Bottom Side
(Dimensions in inches and (mm))
Min. Recommended Footprint
Inductive load, T
J = 125°
°°°°C
I
C = 16A, V GE = 15 V, L = 300 µH
V
CE = 0.8 VCES, RG = 22 Ω
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
12.70
14.93
0.500
0.580
B
14.23
16.50
0.560
0.650
C
9.66
10.66
0.380
0.420
D
3.54
4.08
0.139
0.161
E
5.85
6.85
0.230
0.270
F
2.29
2.79
0.090
0.110
G
1.15
1.77
0.045
0.070
H
2.79
6.35
0.110
0.250
J
0.64
0.89
0.025
0.035
K
2.54
BSC
0.100
BSC
M
4.32
4.82
0.170
0.190
N
0.64
1.39
0.025
0.055
Q
0.51
0.76
0.020
0.030
R
2.04
2.49
0.080
0.115
TO-220 AB Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com