Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSP16N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXSP16N60
Description  Low V CE(sat) IGBT - Short Circuit SOA Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSP16N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXSP16N60 Datasheet HTML 1Page - IXYS Corporation IXSP16N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1997 IXYS All rights reserved
96539A (05/97)
Features
l International standard package
l Guaranteed Short Circuit SOA
capability
l Low V
CE(sat)
- for low on-state conduction losses
l High current handling capability
l MOS Gate turn-on
- drive simplicity
l Fast fall time for switching speeds
up to 20 kHz
Applications
l AC motor speed control
l Uninterruptible power supplies (UPS)
l Welding
Advantages
l High power density
G
E
TAB
V
CES
= 600V
I
C25
=
16A
V
CE(sat)typ
= 1.8V
IXSA 16N60
IXSP 16N60
Low V
CE(sat) IGBT
Short Circuit SOA Capability
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25 °C32
A
I
C90
T
C = 90 °C16
A
I
CM
T
C = 25 °C, 1 ms
52
A
SSOA
V
GE = 15 V, TJ = 125°C, RG = 150 Ω
I
CM = 32
A
(RBSOA)
Clamped inductive load, L = 300
µH
@ 0.8 V
CES
t
SC
V
GE = 15 V, V CE = 360 V, TJ = 125°C
5
µs
(SCSOA)
R
G = 82 Ω, non repetitive
P
C
T
C = 25 °C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Weight
2
g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Maximum tab temperature for soldering for 10s
260
°C
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
TO-263AA
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 750
µA, V
CE = VGE
3.5
6.5
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
200
µA
V
GE
= 0 V
T
J = 125°C1
mA
I
GES
V
CE
= 0 V, V
GE = ± 20 V
± 100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
1.8
2.3
V
Preliminary Data Sheet
G
C
E
TO-220AB(IXSP)


Similar Part No. - IXSP16N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSP10N60B2D1 IXYS-IXSP10N60B2D1 Datasheet
589Kb / 6P
High Speed IGBT with Diode
IXSP15N120B IXYS-IXSP15N120B Datasheet
84Kb / 2P
S Series - Improved SCSOA Capability
More results

Similar Description - IXSP16N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH10N60 IXYS-IXSH10N60 Datasheet
217Kb / 4P
High Speed IGBT - Short Circuit SOA Capability
IXSH45N100 IXYS-IXSH45N100 Datasheet
103Kb / 4P
Low VCE(sat) IGBT - Short Circuit SOA Capability
IXSN55N120A IXYS-IXSN55N120A Datasheet
71Kb / 2P
High Voltage IGBT - Short Circuit SOA Capability
IXSN62N60U1 IXYS-IXSN62N60U1 Datasheet
68Kb / 2P
IGBT with Diode - Short Circuit SOA Capability
IXSN80N60A IXYS-IXSN80N60A Datasheet
71Kb / 2P
High Current IGBT - Short Circuit SOA Capability
IXSN80N60AU1 IXYS-IXSN80N60AU1 Datasheet
96Kb / 4P
IGBT with Diode - Short Circuit SOA Capability
IXSN80N60BD1 IXYS-IXSN80N60BD1 Datasheet
594Kb / 6P
IGBT with Diode Short Circuit SOA Capability
IXSK80N60B IXYS-IXSK80N60B Datasheet
46Kb / 2P
High Current IGBT Short Circuit SOA Capability
logo
Powersem GmbH
PSHI50D06 POWERSEM-PSHI50D06 Datasheet
99Kb / 2P
IGBT Module Short Circuit SOA Capability
PSHI50D12 POWERSEM-PSHI50D12 Datasheet
132Kb / 4P
IGBT Module Short Circuit SOA Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com