Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSH45N100 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXSH45N100
Description  Low VCE(sat) IGBT - Short Circuit SOA Capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH45N100 Datasheet(HTML) 3 Page - IXYS Corporation

  IXSH45N100 Datasheet HTML 1Page - IXYS Corporation IXSH45N100 Datasheet HTML 2Page - IXYS Corporation IXSH45N100 Datasheet HTML 3Page - IXYS Corporation IXSH45N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
V
GE - Volts
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
BV
CES
I
C = 3mA
V
GE(th)
I
C = 4mA
V
GE - Volts
4
5
6
7
8
9
10 11 12 13 14 15
0
10
20
30
40
50
60
70
80
90
T
J = 125°C
V
CE = 10V
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
GE = 15V
V
CE - Volts
0246
8
10
12 14 16 18 20
0
50
100
150
200
250
300
V
GE = 15V
T
J = 25°C
9V
11V
13V
V
CE - Volts
0123
45
0
10
20
30
40
50
60
70
11V
7V
9V
T
J = 25°C
V
GE = 15V
T
J = 25°C
13V
I
C = 22.5A
I
C = 45A
I
C = 90A
I
C = 22.5A
I
C = 45A
I
C = 90A
T
J = 25°C
T
J = - 40°C
Fig.3 Collector-Emitter Voltage
Fig.4 Temperature Dependence
vs. Gate-Emitter Voltage
of Output Saturation Voltage
Fig.5 Input Admittance
Fig.6 Temperature Dependence of
Breakdown and Threshold Voltage
Fig.1 Saturation Characteristics
Fig.2 Output Characterstics
IXSH 45N100
IXSM 45N100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com