Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSH45N100 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXSH45N100
Description  Low VCE(sat) IGBT - Short Circuit SOA Capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH45N100 Datasheet(HTML) 4 Page - IXYS Corporation

  IXSH45N100 Datasheet HTML 1Page - IXYS Corporation IXSH45N100 Datasheet HTML 2Page - IXYS Corporation IXSH45N100 Datasheet HTML 3Page - IXYS Corporation IXSH45N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
Pulse Width - seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
D = Duty Cycle
Single Pulse
D=0.5
D=0.2
V
CE - Volts
0
200
400
600
800
1000
0.01
0.1
1
10
100
Q
g - nanocoulombs
0
50
100
150
200
0
3
6
9
12
15
I
C = 45A
V
CE = 500V
R
G - Ohms
0
1020
304050
20
25
30
35
40
1800
2000
2200
2400
2600
t
fi
E
off
I
C - Amperes
0
2040
6080
100
1500
1750
2000
2250
2500
2750
3000
0
10
20
30
40
50
60
t
fi
E
off
T
J = 125°C
R
G = 10W
T
J = 125°C
I
C = 45A
T
J = 125°C
R
G = 2.7W
dV/dt < 6V/ns
D=0.1
D=0.05
D=0.02
D=0.01
Fig.11 Transient Thermal Impedance
Fig.9 Gate Charge Characteristic Curve
Fig.10 Turn-Off Safe Operating Area
Fig.7 Turn-Off Energy per Pulse and
Fig.8
Dependence of Turn-Off Energy
Fall Time on Collector Current
Per Pulse and Fall Time on R
G
IXSH 45N100
IXSM 45N100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com