Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF4512CSLA Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # AF4512CSLA
Description  N- and P-Channel 30 V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AF4512CSLA Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  AF4512CSLA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
N- and P-Channel
30 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % Rg and UIS Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Motor Drive
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 120 °C/W (n-channel) and 110 °C/W (p-channel).
e. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
N-Channel
30
0.0
18 at V
GS = 10 V
8e
6.
2
0.0
at VGS = 8 V
8e
0.0
at VGS = 4.5 V
P-Channel
-
30
0.0
32 at V
GS = - 10 V
- 8e
18.5
0.0
34 at V
GS = - 8 V
- 8e
0.0
40 at V
GS = - 4.5 V
- 7.5
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
2
3
4
1
D1
G1
S1
S2
G2
D2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-
30
V
Gate-Source Voltage
VGS
±
20
±
20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8e
- 8e
A
TC = 70 °C
6.8
- 6.8
TA = 25 °C
6.8b, c
- 6.6b, c
TA = 70 °C
5.4b, c
- 5.3b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
40
- 40
Source-Drain Current Diode Current
TC = 25 °C
IS
2.6
- 2.6
TA = 25 °C
1.6b, c
- 1.6b, c
Pulsed Source-Drain Current
ISM
40
- 40
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
- 20
Single Pulse Avalanche Energy
EAS
520
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
3.2
W
TC = 70 °C
22.1
TA = 25 °C
2b, c
2b, c
TA = 70 °C
1.28b, c
1.28b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
50
62.5
47
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
29
38
•
Mobile Power Bank
2
4
2
0
8e
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AF4512CSLA
1


Similar Part No. - AF4512CSLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF4512CSLA ANACHIP-AF4512CSLA Datasheet
286Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
Rev. 1.1 Jul 20, 2004
More results

Similar Description - AF4512CSLA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
N-and P-Channel 30-V (D-S) MOSFET
16-Jun-03
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
N- and P-Channel 30-V (D-S) MOSFET
23-Nov-93
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
N- and P-Channel 30-V (D-S) MOSFET
22-Oct-07
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
N- and P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
N- and P-Channel 30-V (D-S) MOSFET
28-Sep-09
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
N- and P-Channel 30 V (D-S) MOSFET
08-Mar-10
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UD4606L-S08-R VBSEMI-UD4606L-S08-R Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
UD4606Q-S08-R VBSEMI-UD4606Q-S08-R Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com