Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF4512CSLA Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # AF4512CSLA
Description  N- and P-Channel 30 V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AF4512CSLA Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AF4512CSLA Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AF4512CSLA Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 20 V, RL = 3.7 Ω
ID ≅ 5.4 A, VGEN = 10 V, Rg = 1 Ω
P-Channel
VDD = - 20 V, RL = 2 Ω
ID ≅ - 10 A, VGEN = - 10 V, Rg = 1 Ω
N-Ch
4
8
ns
P-Ch
10
16
Rise Time
tr
N-Ch
10
17
P-Ch
9
1
5
Turn-Off Delay Time
td(off)
N-Ch
16
2
2
P-Ch
23
26
Fall Time
tf
N-Ch
5
9
P-Ch
1
0
16
Turn-On Delay Time
td(on)
N-Channel
VDD = 20 V, RL = 3.7 Ω
ID ≅ 5.4 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 20 V, RL = 2 Ω
ID ≅ - 10 A, VGEN = - 4.5 V, Rg = 1 Ω
N-Ch
1
0
16
P-Ch
26
35
Rise Time
tr
N-Ch
1
1
20
P-Ch
16
26
Turn-Off Delay Time
td(off)
N-Ch
1
3
2
2
P-Ch
16
26
Fall Time
tf
N-Ch
5
9
P-Ch
1
6
26
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
2.6
A
P-Ch
- 2.6
Pulse Diode Forward Currenta
ISM
N-Ch
40
P-Ch
- 40
Body Diode Voltage
VSD
IS = 5.4 A
N-Ch
0.81
1.2
V
IS = - 2 A
P-Ch
- 0.77
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 5 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
1
2
25
ns
P-Ch
31
57
Body Diode Reverse Recovery Charge
Qrr
N-Ch
10
17
nC
P-Ch
29
47
Reverse Recovery Fall Time
ta
N-Ch
10
ns
P-Ch
1
3
Reverse Recovery Rise Time
tb
N-Ch
7
P-Ch
2
3
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AF4512CSLA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com