Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S221ATD25 Datasheet(PDF) 2 Page - TDK Electronics

Part # MPZ2012S221ATD25
Description  Chip beads For power line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ2012S221ATD25 Datasheet(HTML) 2 Page - TDK Electronics

  MPZ2012S221ATD25 Datasheet HTML 1Page - TDK Electronics MPZ2012S221ATD25 Datasheet HTML 2Page - TDK Electronics MPZ2012S221ATD25 Datasheet HTML 3Page - TDK Electronics MPZ2012S221ATD25 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20190423
(2/4)
beads_automotive_power_mpz2012_en.fm
EMC Components
MPZ2012 type
Z VS. FREQUENCY CHARACTERISTICS (BY SERIES)
MPZ2012S series
Z, X, R VS. FREQUENCY CHARACTERISTICS
MPZ2012S300ATD25
MPZ2012S101ATD25
MPZ2012S221ATD25
MPZ2012S331ATD25
MPZ2012S601ATD25
MPZ2012S102ATD25
100
300
500
700
1200
400
200
600
800
900
1000
1100
0
10000
1000
100
10
1
Frequency (MHz)
MPZ2012S102A
MPZ2012S221A
MPZ2012S101A
MPZ2012S300A
MPZ2012S331A
MPZ2012S601A
50
40
30
20
10
0
1
10
100
1000
10000
Z
X
R
Frequency (MHz)
1
10
100
1000
10000
0
20
40
60
80
100
120
140
Frequency (MHz)
Z
R
X
300
100
50
150
200
250
0
1
10
100
1000
10000
Z
R
X
Frequency (MHz)
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Z
R
X
Frequency (MHz)
0
100
200
300
400
500
600
700
1
10
100
1000
10000
Frequency (MHz)
Z
R
X
1200
400
200
600
800
1000
0
1
10
100
1000
10000
Z
R
X
Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com