Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S221ATD25 Datasheet(PDF) 1 Page - TDK Electronics

Part # MPZ2012S221ATD25
Description  Chip beads For power line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ2012S221ATD25 Datasheet(HTML) 1 Page - TDK Electronics

  MPZ2012S221ATD25 Datasheet HTML 1Page - TDK Electronics MPZ2012S221ATD25 Datasheet HTML 2Page - TDK Electronics MPZ2012S221ATD25 Datasheet HTML 3Page - TDK Electronics MPZ2012S221ATD25 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20190423
(1/4)
beads_automotive_power_mpz2012_en.fm
EMC Components
Chip beads
For power line
MPZ series (for automotive)
MPZ2012 type
FEATURES
Noise reduction solution for power line.
Compared to the MMZ series, has low direct current resistance for compatibility with large currents, optimal for low power consumption.
Performs well even in signal lines where low direct current resistance is required.
Operating temperature range: –55 to +125°C
Compliant with AEC-Q200
APPLICATION
Various ECUs, powertrains, body controls, and car multimedia (telematics).
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Please refer to the graph of rated current vs. temperature characteristics (derating) about the rating current at 85°C or more in temperature of the product.
Measurement equipment
* Equivalent measurement equipment may be used.
Rated current vs. temperature characteristics (derating)
MPZ
2012
S
101
A
T
D25
Series name
L×W×T dimensions
Material name
Impedance
Characteristic
type
Packaging style
Internal code
2.0×1.25x0.85 mm
(
) at 100MHz
Impedance
DC resistance
Rated current
Part No.
[100MHz]
(
)
Tolerance
(
)max.
(A)max.
30
±10
0.010
6
MPZ2012S300ATD25
100
±25%
0.020
4
MPZ2012S101ATD25
220
±25%
0.040
3
MPZ2012S221ATD25
330
±25%
0.050
2.5
MPZ2012S331ATD25
600
±25%
0.100
2
MPZ2012S601ATD25
1000
±25%
0.150
1.5
MPZ2012S102ATD25
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Keysight Technologies
DC resistance
Type-7556
Yokogawa
AEC-Q200
S300A
S331A
S101A
S221A
S601A
S102A
0
1
2
3
4
5
6
7
–55 –35
–15
5
25
45
65
85
105
125
Temperature (°C)
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - MPZ2012S221ATD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ2012S221ATD25 TDK-MPZ2012S221ATD25 Datasheet
117Kb / 10P
Chip Beads For power line
More results

Similar Description - MPZ2012S221ATD25

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
Chip Beads(SMD) For Power Line
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
Chip Beads For power line
MPZ0603 TDK-MPZ0603 Datasheet
334Kb / 13P
Chip Beads For power line MPZ series
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
Chip Beads(SMD) For Power Line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
Chip Beads For power line
KPZ1608-HR TDK-KPZ1608-HR Datasheet
187Kb / 4P
Chip beads For power line Soft termination
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com