Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 2 Page - TDK Electronics

Part # MMZ2012
Description  Chip beads For general signal line
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 2 Page - TDK Electronics

  MMZ2012 Datasheet HTML 1Page - TDK Electronics MMZ2012 Datasheet HTML 2Page - TDK Electronics MMZ2012 Datasheet HTML 3Page - TDK Electronics MMZ2012 Datasheet HTML 4Page - TDK Electronics MMZ2012 Datasheet HTML 5Page - TDK Electronics MMZ2012 Datasheet HTML 6Page - TDK Electronics MMZ2012 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200127
(2/7)
beads_automotive_signal_mmz2012_en.fm
EMC Components
MMZ2012 type
CHARACTERISTICS SPECIFICATION TABLE
Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
DC resistance
Rated current
Part No.
[100MHz]
(
)
Tolerance
(
)max.
(mA)max.
15
±25%
0.05
1500
MMZ2012Y150BTD25
30
±25%
0.05
1500
MMZ2012Y300BTD25
60
±25%
0.10
1000
MMZ2012Y600BTD25
120
±25%
0.12
800
MMZ2012Y121BTD25
300
±25%
0.15
600
MMZ2012Y301BTD25
600
±25%
0.20
500
MMZ2012Y601BTD25
1000
±25%
0.30
500
MMZ2012Y102BTD25
1500
±25%
0.40
500
MMZ2012Y152BTD25
2000
±25%
0.50
400
MMZ2012Y202BTD25
80
±25%
0.30
500
MMZ2012D800BTD25
120
±25%
0.30
500
MMZ2012D121BTD25
300
±25%
0.50
400
MMZ2012D301BTD25
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Keysight Technologies
DC resistance
Type-7556
Yokogawa



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com