Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 4 Page - TDK Electronics

Part # MMZ2012
Description  Chip beads For general signal line
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 4 Page - TDK Electronics

  MMZ2012 Datasheet HTML 1Page - TDK Electronics MMZ2012 Datasheet HTML 2Page - TDK Electronics MMZ2012 Datasheet HTML 3Page - TDK Electronics MMZ2012 Datasheet HTML 4Page - TDK Electronics MMZ2012 Datasheet HTML 5Page - TDK Electronics MMZ2012 Datasheet HTML 6Page - TDK Electronics MMZ2012 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200127
(4/7)
beads_automotive_signal_mmz2012_en.fm
EMC Components
MMZ2012 type
Z, X, R VS. FREQUENCY CHARACTERISTICS
MMZ2012R150ATD25
MMZ2012R300ATD25
MMZ2012R600ATD25
MMZ2012R121ATD25
MMZ2012R301ATD25
MMZ2012R601ATD25
MMZ2012R102ATD25
MMZ2012S400ATD25
MMZ2012S800ATD25
MMZ2012S121ATD25
MMZ2012S151ATD25
MMZ2012S181ATD25
MMZ2012S301ATD25
MMZ2012S601ATD25
MMZ2012S102ATD25
X
Z
R
1
10
100
1000
10000
0
5
10
15
20
25
Frequency (MHz)
X
Z
R
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
0
0
Frequency (MHz)
X
Z
R
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
Frequency (MHz)
X
Z
R
1
10
100
1000
10000
0
20
40
60
80
100
120
140
Frequency (MHz)
1
10
100
1000
10000
0
Frequency (MHz)
X
Z
R
50
100
150
200
250
300
350
1
10
100
1000
0
X
Z
R
100
200
300
400
500
600
700
10000
Frequency (MHz)
0
200
400
600
800
1000
1200
1
10
100
1000
10000
Frequency (MHz)
X
Z
R
1
10
100
1000
0
10
20
30
40
50
60
Frequency (MHz)
X
Z
R
10000
1
10
100
1000
10000
0
X
Z
R
20
40
60
80
100
120
140
Frequency (MHz)
0
20
40
60
80
100
120
140
160
180
1
10
100
1000
10000
Frequency (MHz)
X
Z
R
1
10
100
1000
0
50
100
150
200
250
300
10000
Frequency (MHz)
X
Z
R
0
20
40
60
80
100
120
140
160
200
180
Frequency (MHz)
1
10
100
1000
10000
X
Z
R
1
10
100
1000
0
10000
Frequency (MHz)
X
Z
R
100
200
300
400
500
600
700
1
10
100
1000
0
10000
Frequency (MHz)
X
Z
R
200
400
600
800
1000
1200
1
10
100
1000
0
50
100
150
200
250
300
350
400
450
10000
Frequency (MHz)
X
Z
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com