Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD161 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MCD161
Description  Common thyristor and rectifier mixed module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MCD161 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MCD161 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MCD161 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
MCD161
Common thyristor and rectifier mixed module
outline dimension:
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not
designed for use in equipment which require specialized quality and/or reliability, or in equipment
which could have applications in hazardous environments, aerospace industry, or medical
field. Please contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.
SYMBOL
PARAMETER
CONDITIONS
Tj(℃)
MIN
MAX
UNIT
VGD
gate non trigger
voltage
At 67%VDRM
125
0.2
V
Rth(j-c)
thermal
impedance
180°half-sinusoid,
Single side heat
0.17
℃
/W
Viso
Insulation voltage
50Hz,R.M.S,t=1min,Iiso:1mA
(MAX)
3600
V
Fm
M6
6
N.m
Tstg
storage
temperature
-40
125
℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com